Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF15 Datasheet (PDF) - Semtech Corporation

FF15 Datasheet PDF - Semtech Corporation
Part # FF15
Download  FF15 Download
File Size   175.18 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 150V, 1.8A, 30ns

FF15 Datasheet (PDF)

Go To PDF Page Download Datasheet
FF15 Datasheet PDF - Semtech Corporation

Part # FF15
Download  FF15 Click to download

File Size   175.18 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 150V, 1.8A, 30ns

FF15 Datasheet (HTML) - Semtech Corporation


FF15 Product details





Similar Part No. - FF15

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FF150-120X120T0800 KEMET-FF150-120X120T0800 Datasheet
54Kb / 1P
KEMET, FF1, Flex Suppressors, Noise Suppression
FF150-240X240T0800 KEMET-FF150-240X240T0800 Datasheet
53Kb / 1P
KEMET, FF1, Flex Suppressors, Commercial Grade
FF150-240X80T0800 KEMET-FF150-240X80T0800 Datasheet
54Kb / 1P
KEMET, FF1, Flex Suppressors, Noise Suppression
FF150-80X80T0800 KEMET-FF150-80X80T0800 Datasheet
53Kb / 1P
KEMET, FF1, Flex Suppressors, Noise Suppression
logo
Infineon Technologies A...
FF1500R12IE5 INFINEON-FF1500R12IE5 Datasheet
815Kb / 10P
Hochleistungsumrichter
V3.0 2017-10-05
More results


Similar Description - FF15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB002-15CP SANYO-SB002-15CP Datasheet
55Kb / 2P
150V, 20mA Rectifier
SB002-15SPA SANYO-SB002-15SPA Datasheet
55Kb / 2P
150V, 20mA Rectifier
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
150V, 100mA Rectifier
SB01-15NP SANYO-SB01-15NP Datasheet
56Kb / 2P
150V, 100mA Rectifier
logo
Semtech Corporation
1N5802 SEMTECH-1N5802 Datasheet
204Kb / 3P
RECTIFIER, up to 150V, 2.5A, 25ns
1N5807 SEMTECH-1N5807 Datasheet
200Kb / 3P
RECTIFIER, up to 150V, 6A, 30ns
1N6076 SEMTECH-1N6076 Datasheet
81Kb / 2P
RECTIFIER, up to 150V, 3.1A, 30ns
1N6079 SEMTECH-1N6079 Datasheet
150Kb / 4P
RECTIFIER, up to 150V, 5A, 30ns
3PFT1 SEMTECH-3PFT1 Datasheet
125Kb / 4P
RECTIFIER, up to 200V, 4A, 30ns
logo
Sanyo Semicon Device
SB01-15C SANYO-SB01-15C Datasheet
48Kb / 3P
150V, 100mA Rectifier
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com