Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB01-15NP Datasheet (PDF) - Sanyo Semicon Device

SB01-15NP Datasheet PDF - Sanyo Semicon Device
Part # SB01-15NP
Download  SB01-15NP Download
File Size   56.95 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 150V, 100mA Rectifier

SB01-15NP Datasheet (PDF)

Go To PDF Page Download Datasheet
SB01-15NP Datasheet PDF - Sanyo Semicon Device

Part # SB01-15NP
Download  SB01-15NP Click to download

File Size   56.95 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 150V, 100mA Rectifier

SB01-15NP Datasheet (HTML) - Sanyo Semicon Device


SB01-15NP Product details

150V, 100mA Rectifier

Features
• Low forward voltage (VF max=0.75V).
• Fast reverse recorvery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB01-15NP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB01-15C SANYO-SB01-15C Datasheet
48Kb / 3P
150V, 100mA Rectifier
logo
ON Semiconductor
SB01-15C ONSEMI-SB01-15C Datasheet
312Kb / 6P
Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP
September, 2013
SB01-15C-TB-E ONSEMI-SB01-15C-TB-E Datasheet
312Kb / 6P
Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP
September, 2013
logo
Sanyo Semicon Device
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
150V, 100mA Rectifier
More results


Similar Description - SB01-15NP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC806 SANYO-FC806 Datasheet
50Kb / 2P
50V, 100mA Rectifier
SB002-15CP SANYO-SB002-15CP Datasheet
55Kb / 2P
150V, 20mA Rectifier
SB002-15SPA SANYO-SB002-15SPA Datasheet
55Kb / 2P
150V, 20mA Rectifier
SB01-05SPA SANYO-SB01-05SPA Datasheet
60Kb / 2P
50V, 100mA Rectifier
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
150V, 100mA Rectifier
SB02-15 SANYO-SB02-15 Datasheet
57Kb / 2P
150V, 200mA Rectifier
SB01-05C SANYO-SB01-05C Datasheet
70Kb / 3P
50V, 100mA Rectifier
SB01-15C SANYO-SB01-15C Datasheet
48Kb / 3P
150V, 100mA Rectifier
logo
Linear Technology
LTC3639 LINER-LTC3639_15 Datasheet
292Kb / 26P
High Efficiency, 150V 100mA Synchronous Step-Down Regulator
LTC3639EMSE LINER-LTC3639EMSE Datasheet
179Kb / 6P
High Efficiency 150V, 100mA Synchronous Buck Converter
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com