Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB02-15 Datasheet (PDF) - Sanyo Semicon Device

SB02-15 Datasheet PDF - Sanyo Semicon Device
Part # SB02-15
Download  SB02-15 Download
File Size   57.65 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 150V, 200mA Rectifier

SB02-15 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB02-15 Datasheet PDF - Sanyo Semicon Device

Part # SB02-15
Download  SB02-15 Click to download

File Size   57.65 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 150V, 200mA Rectifier

SB02-15 Datasheet (HTML) - Sanyo Semicon Device


SB02-15 Product details

150V, 200mA Rectifier

Features
• Low forward voltage (VF max=0.75V).
• Fast reverse recorvery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB02-15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB02-03C SANYO-SB02-03C Datasheet
50Kb / 2P
30V, 200mA Rectifier
SB02-03Q SANYO-SB02-03Q Datasheet
55Kb / 2P
30V, 200mA Rectifier
SB02-03S SANYO-SB02-03S Datasheet
56Kb / 2P
30V, 200mA Rectifier
SB02-09C SANYO-SB02-09C Datasheet
70Kb / 3P
90V, 200mA Rectifier
SB02-09CP SANYO-SB02-09CP Datasheet
57Kb / 2P
90V, 200mA Rectifier
More results


Similar Description - SB02-15

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC804 SANYO-FC804 Datasheet
47Kb / 2P
30V, 200mA Rectifier
SB02-03C SANYO-SB02-03C Datasheet
50Kb / 2P
30V, 200mA Rectifier
SB02-03Q SANYO-SB02-03Q Datasheet
55Kb / 2P
30V, 200mA Rectifier
SB02-03S SANYO-SB02-03S Datasheet
56Kb / 2P
30V, 200mA Rectifier
SB02-09CP SANYO-SB02-09CP Datasheet
57Kb / 2P
90V, 200mA Rectifier
SB02-09NP SANYO-SB02-09NP Datasheet
58Kb / 2P
90V, 200mA Rectifier
SB02W03C SANYO-SB02W03C Datasheet
60Kb / 2P
30V, 200mA Rectifier
SB02W03S SANYO-SB02W03S Datasheet
56Kb / 2P
30V, 200mA Rectifier
SBE803 SANYO-SBE803 Datasheet
36Kb / 3P
90V, 200mA Rectifier
SB02-09C SANYO-SB02-09C Datasheet
70Kb / 3P
90V, 200mA Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com