Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC806 Datasheet (PDF) - Sanyo Semicon Device

FC806 Datasheet PDF - Sanyo Semicon Device
Part # FC806
Download  FC806 Download
File Size   50.59 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 100mA Rectifier

FC806 Datasheet (PDF)

Go To PDF Page Download Datasheet
FC806 Datasheet PDF - Sanyo Semicon Device

Part # FC806
Download  FC806 Click to download

File Size   50.59 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 100mA Rectifier

FC806 Datasheet (HTML) - Sanyo Semicon Device


FC806 Product details

50V, 100mA Rectifier

Features
• Low forward voltage (VF max=0.55V) .
• Fast reverse recorvery time (trr max=10ns) .
• Composite type with 2 diodes contained in the CP package currently in use, saving the mounting space greatly.
• The FC806 is formed with two chips, each being equivalent to the SB01–05CP, placed in one package.




Similar Part No. - FC806

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC801 SANYO-FC801 Datasheet
43Kb / 2P
Composite Diode for High-Speed Switching Applications
FC802 SANYO-FC802 Datasheet
42Kb / 2P
Composite Diode for High-Speed Switching Applications
logo
Positronic.
FC8020D2 POSITRONIC-FC8020D2 Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2AL POSITRONIC-FC8022D2AL Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2CH POSITRONIC-FC8022D2CH Datasheet
4Mb / 86P
Positronic Provides Complete Capability
More results


Similar Description - FC806

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB01-05CP SANYO-SB01-05CP Datasheet
60Kb / 2P
50V, 100mA Rectifier
SB01-05Q SANYO-SB01-05Q Datasheet
51Kb / 2P
50V, 100mA Rectifier
SB01-05SPA SANYO-SB01-05SPA Datasheet
60Kb / 2P
50V, 100mA Rectifier
SB01W05C SANYO-SB01W05C Datasheet
51Kb / 2P
50V, 100mA Rectifier
SB01W05S SANYO-SB01W05S Datasheet
56Kb / 2P
50V, 100mA Rectifier
logo
Rohm
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
-100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
-100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
-100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
-100mA / -50V Digital transistors
logo
Sanyo Semicon Device
SB01-05C SANYO-SB01-05C Datasheet
70Kb / 3P
50V, 100mA Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com