Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB01W05C Datasheet (PDF) - Sanyo Semicon Device

SB01W05C Datasheet PDF - Sanyo Semicon Device
Part # SB01W05C
Download  SB01W05C Download
File Size   51.23 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 100mA Rectifier

SB01W05C Datasheet (PDF)

Go To PDF Page Download Datasheet
SB01W05C Datasheet PDF - Sanyo Semicon Device

Part # SB01W05C
Download  SB01W05C Click to download

File Size   51.23 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 100mA Rectifier

SB01W05C Datasheet (HTML) - Sanyo Semicon Device


SB01W05C Product details

50V, 100mA Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recorvery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB01W05C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB01W05S SANYO-SB01W05S Datasheet
56Kb / 2P
50V, 100mA Rectifier
More results


Similar Description - SB01W05C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC806 SANYO-FC806 Datasheet
50Kb / 2P
50V, 100mA Rectifier
SB01-05CP SANYO-SB01-05CP Datasheet
60Kb / 2P
50V, 100mA Rectifier
SB01-05Q SANYO-SB01-05Q Datasheet
51Kb / 2P
50V, 100mA Rectifier
SB01-05SPA SANYO-SB01-05SPA Datasheet
60Kb / 2P
50V, 100mA Rectifier
SB01W05S SANYO-SB01W05S Datasheet
56Kb / 2P
50V, 100mA Rectifier
logo
Rohm
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
-100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
-100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
-100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
-100mA / -50V Digital transistors
logo
Sanyo Semicon Device
SB01-05C SANYO-SB01-05C Datasheet
70Kb / 3P
50V, 100mA Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com