Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3FF40 Datasheet (PDF) - Semtech Corporation

3FF40 Datasheet PDF - Semtech Corporation
Part # 3FF40
Download  3FF40 Download
File Size   125.95 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 600V, 3.4A, 50ns

3FF40 Datasheet (PDF)

Go To PDF Page Download Datasheet
3FF40 Datasheet PDF - Semtech Corporation

Part # 3FF40
Download  3FF40 Click to download

File Size   125.95 Kbytes
Page   4 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 600V, 3.4A, 50ns

3FF40 Datasheet (HTML) - Semtech Corporation


3FF40 Product details

RECTIFIER, up to 600V, 3.4A, 50ns

AXIALLEADED HERMETICALLY SEALED SUPERFAST RECTIFIER DIODE




Similar Part No. - 3FF40

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
3FF05 SEMTECH-3FF05 Datasheet
81Kb / 2P
RECTIFIER, up to 150V, 3.1A, 30ns
3FF10 SEMTECH-3FF10 Datasheet
81Kb / 2P
RECTIFIER, up to 150V, 3.1A, 30ns
3FF15 SEMTECH-3FF15 Datasheet
81Kb / 2P
RECTIFIER, up to 150V, 3.1A, 30ns
More results


Similar Description - 3FF40

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
RUSH EDI-RUSH Datasheet
42Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH -VOLTAGE RECTIFIER DIODES
RUST EDI-RUST Datasheet
41Kb / 2P
50ns ULTRA-FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODES
logo
Semtech Corporation
SFF30 SEMTECH-SFF30 Datasheet
103Kb / 3P
RECTIFIER, 3kV, 360mA, 50ns
USC1104 SEMTECH-USC1104 Datasheet
59Kb / 2P
RECTIFIER, up to 400V, 2.1A, 50ns
USC1304 SEMTECH-USC1304 Datasheet
58Kb / 2P
RECTIFIER, up to 400V, 5A, 50ns
logo
Fairchild Semiconductor
FDD4N60NZ FAIRCHILD-FDD4N60NZ_12 Datasheet
585Kb / 8P
N-Channel MOSFET 600V, 3.4A, 2.5
logo
ON Semiconductor
RD0306T-H ONSEMI-RD0306T-H Datasheet
371Kb / 7P
Planar Ultrafast Rectifier Fast trr type, 3A, 600V, 50ns, TP/TP-FA
September, 2013
logo
Solid State Optronic
SMB4115 SSOUSA-SMB4115 Datasheet
215Kb / 6P
High Continuous Load Current (3.4A)
logo
Silicon Supplies
MURC1560 SS-MURC1560 Datasheet
1Mb / 4P
600V 15A 50ns Rectifier
Rev 1.0 27/12/22
MURC860 SS-MURC860 Datasheet
1Mb / 4P
600V 8A 50ns Rectifier
Rev 1.0 27/12/22
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com