Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDGE818 Datasheet (PDF) - Semtech Corporation

EDGE818 Datasheet PDF - Semtech Corporation
Part # EDGE818
Download  EDGE818 Download
File Size   126.27 Kbytes
Page   15 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Octal 18V Pin Electronics Driver/window Comparator

EDGE818 Datasheet (PDF)

Go To PDF Page Download Datasheet
EDGE818 Datasheet PDF - Semtech Corporation

Part # EDGE818
Download  EDGE818 Click to download

File Size   126.27 Kbytes
Page   15 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Octal 18V Pin Electronics Driver/window Comparator

EDGE818 Datasheet (HTML) - Semtech Corporation


EDGE818 Product details

Description
The Edge818 is an octal pin electronics driver and window comparator fabricated in a wide voltage CMOS process. It is designed specifically for Test During Burn In (TDBI) applications, where cost, functional density, and power are all at a premium.

Features
• 18V I/O Range
• 50 MHz Operation
• Per Pin Flexibility
• Programmable Input Thresholds
• Flex In Digital Inputs
• Flex Out Digital Outputs
• Small footprint (100 pin MQFP)

Applications
• Burn In ATE
• Low Cost ATE
• Instrumentation




Similar Part No. - EDGE818

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE818 SEMTECH-EDGE818 Datasheet
87Kb / 12P
Octal 18V Pin Electronics Driver/window Comparator
More results


Similar Description - EDGE818

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
Pin Electronics Driver, Window Comparator, and Switch Matrix
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
Quad 18V Pin Electronics Driver/Window Comparator
October 31, 2005
logo
Semtech Corporation
EDGE819 SEMTECH-EDGE819 Datasheet
84Kb / 10P
Octal, 18V Pin Electronics Driver
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
November 24, 2008
ISL55100B INTERSIL-ISL55100B Datasheet
462Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com