Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL55100B Datasheet (PDF) - Intersil Corporation

ISL55100B Datasheet PDF - Intersil Corporation
Part # ISL55100B
Download  ISL55100B Download
File Size   462.38 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad 18V Pin Electronics Driver/Window Comparator

ISL55100B Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL55100B Datasheet PDF - Intersil Corporation

Part # ISL55100B
Download  ISL55100B Click to download

File Size   462.38 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Quad 18V Pin Electronics Driver/Window Comparator

ISL55100B Datasheet (HTML) - Intersil Corporation


ISL55100B Product details

Quad 18V Pin Electronics Driver/Window Comparator

The ISL55100B is a Quad pin driver and window comparator fabricated in a wide voltage CMOS process. It is designed specifically for Test During Burn-In (TDBI) applications, where cost, functional density and power are all at a premium.

Features
• Low driver output resistance
    - ROUT typical: 9.0Ω
• 18V I/O range
• 50MHz operation
• 4 Channel driver/receiver pairs with per pin flexibility
• Dual level - per pin - input thresholds
• Differential or single-ended digital inputs
• User defined comparator output levels
• Low channel-to-channel timing skew
• Small footprint (72 Ld QFN)
• Pb-free (RoHS compliant)

Applications
• Burn in ATE
• Wafer level flash memory test
• LCD panel test
• Low cost ATE
• Instrumentation
• Emulation
• Device programmers




Similar Part No. - ISL55100B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
logo
Intersil Corporation
ISL55100B INTERSIL-ISL55100B Datasheet
535Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100BIRZ RENESAS-ISL55100BIRZ Datasheet
853Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
More results


Similar Description - ISL55100B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E646ATF SEMTECH-E646ATF Datasheet
135Kb / 13P
Pin Electronics Driver, Window Comparator, and Switch Matrix
E818AHF SEMTECH-E818AHF Datasheet
87Kb / 12P
Octal 18V Pin Electronics Driver/window Comparator
logo
Intersil Corporation
ISL5100A INTERSIL-ISL5100A Datasheet
520Kb / 13P
Quad 18V Pin Electronics Driver/Window Comparator
October 31, 2005
logo
Semtech Corporation
EDGE818 SEMTECH-EDGE818 Datasheet
126Kb / 15P
Octal 18V Pin Electronics Driver/window Comparator
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
133 MHZ Quad Pin Electronics Driver and Window Comparator
logo
Intersil Corporation
ISL55100A INTERSIL-ISL55100A Datasheet
497Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
November 24, 2008
ISL55100AIRZ INTERSIL-ISL55100AIRZ Datasheet
583Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
ISL55100BIRZ INTERSIL-ISL55100BIRZ Datasheet
535Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
December 4, 2014
logo
Renesas Technology Corp
ISL55100A RENESAS-ISL55100A Datasheet
886Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
ISL55100B RENESAS-ISL55100B Datasheet
853Kb / 14P
Quad 18V Pin Electronics Driver/Window Comparator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com