Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS8514 Datasheet (PDF) - Semtech Corporation

ACS8514 Datasheet PDF - Semtech Corporation
Part # ACS8514
Download  ACS8514 Download
File Size   1605.87 Kbytes
Page   86 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Synchronous Equipment Timing Source Partner IC for 2nd T4 DPLL, Accurate Monitoring & Input Extender

ACS8514 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS8514 Datasheet PDF - Semtech Corporation

Part # ACS8514
Download  ACS8514 Click to download

File Size   1605.87 Kbytes
Page   86 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Synchronous Equipment Timing Source Partner IC for 2nd T4 DPLL, Accurate Monitoring & Input Extender

ACS8514 Datasheet (HTML) - Semtech Corporation


ACS8514 Product details

Description
The ACS8514 is an optional partner integrated circuit for applications using the ACS8520/30. It adds an additional BITS clock (T4 path) DPLL to a clock synchronization system, for applications needing two T4 paths (e.g. to GR-253 figure 5-21).

Features
♦ Partner to the ACS8520 & ACS8530 for use in SONET Minimum Clock (SMC) or SONET/SDH Equipment Clock (SEC) applications, to provide :
♦ One Extra independent T4 path for those systems being designed to Figure 5-21 of Bellcore GR253[17],
♦ An additional DPLL for accurate phase, average phase, frequency and average frequency measuring of any clock source.
♦ Phase measurement accuracy to 0.7 degrees.
♦ Frequency measurement accuracy to 3x10-10
♦ Aids in enhancing Phase Build-out performance to absorb phase disturbances when switching between noisy input sources, via s/w control.
♦ Provides the facility to have long term frequency measuring and averaging for BOTH the main and any standby clock source so that the holdover frequency is always accurate for both main and standby clock selections.
♦ Accepts 14 individual input reference clocks, all with robust input clock source quality monitoring.
♦ Microprocessor interface - Intel, Motorola, Serial, Multiplexed, or boot from EPROM
♦ IEEE 1149.1[5] JTAG Boundary Scan
♦ Single 3.3 V operation. 5 V tolerant
♦ Lead (Pb)-free version available (ACS8514T), RoHS and WEEE compliant




Similar Part No. - ACS8514

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
ACS8514 IQD-ACS8514 Datasheet
208Kb / 4P
TCXO Specification
More results


Similar Description - ACS8514

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ACS8509 SEMTECH-ACS8509 Datasheet
708Kb / 68P
Synchronous Equipment Timing Source for SONET or SDH Network Elements
ACS8530 SEMTECH-ACS8530 Datasheet
1Mb / 152P
Synchronous Equipment Timing Source for Stratum 2/3E Systems
logo
Integrated Device Techn...
82P33714 IDT-82P33714 Datasheet
241Kb / 13P
Synchronous Equipment Timing Source for Synchronous Ethernet
82P33731 IDT-82P33731 Datasheet
343Kb / 12P
Synchronous Equipment Timing Source for 10G/ 40G Synchronous Ethernet
82P33714 IDT-82P33714_17 Datasheet
878Kb / 64P
Synchronous Equipment Timing Source for Synchronous Ethernet
82P33731 IDT-82P33731_16 Datasheet
886Kb / 68P
Synchronous Equipment Timing Source for 10G/ 40G/ 100G Synchronous Ethernet
82P33714 IDT-82P33714_18 Datasheet
1Mb / 63P
Synchronous Equipment Timing Source
82P33731 IDT-82P33731_17 Datasheet
848Kb / 65P
Synchronous Equipment Timing Source
logo
Renesas Technology Corp
82P33714 RENESAS-82P33714 Datasheet
1Mb / 63P
Synchronous Equipment Timing Source for Synchronous Ethernet
August 21, 2018
82P33731 RENESAS-82P33731 Datasheet
1Mb / 66P
Synchronous Equipment Timing Source for 10G/40G/100G Synchronous Ethernet
August 28, 2017
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com