Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E4257 Datasheet (PDF) - Semtech Corporation

E4257 Datasheet PDF - Semtech Corporation
Part # E4257
Download  E4257 Download
File Size   245.42 Kbytes
Page   39 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Dual Channel Per-Pin Parametric Measurement Unit

E4257 Datasheet (PDF)

Go To PDF Page Download Datasheet
E4257 Datasheet PDF - Semtech Corporation

Part # E4257
Download  E4257 Click to download

File Size   245.42 Kbytes
Page   39 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Dual Channel Per-Pin Parametric Measurement Unit

E4257 Datasheet (HTML) - Semtech Corporation


E4257 Product details

Description
E42X7 is a family of Dual Channel Parametric Measurement Units (PMU) designed for automated test equipment and instrumentation. Manufactured in a wide voltage Bi-CMOS process, it is a monolithic solution for a
per-pin PMU.

The E42X7 family consists of three products:
E4287
• 16.25V I/O range
• 4 current ranges up to ± 40 mA
• Analog mux for providing a FLASHTM programming level
• Driven guard pin

E4257
• 16.25V I/O range
• 4 Current ranges up to ± 40 mA
• Small 9mm x 9mm footprint

E4237
• 16.25VI/O range
• 2 current ranges up to ± 4 mA
• Low capacitance for use in relayless tester architectures

Features
• Four Quadrant Operation (FV/MI, FV/MV, FI/MV, FI/MI)
• 4 Current Ranges (± 40 µA, ± 400 µA, ± 4 mA, ± 40 mA) (E4287, E4257)
• 2 Current Ranges (± 40 µA and ± 4 mA) (E4237)
• Wide Output Voltage Range
   – –3.25V to +13V @ RF pin across all ranges
   – –3.25V to ± 13V @ FORCE Pin (Ranges A, B, C)
   – –1.25V to +11V @ FORCE (Range D)
• Low Power Dissipation
• FV Linearity to ± 0.025% FSVR
• Extremely Fast Settling Times offer reduced test times/increased tester thru-put.
• Central PMU Switches for External PMU,
   –4.75 V to +14.5V, ± 40 mA Ranges
• Switches for Pin Driver Super Voltages
• Driven Guard Output (E4287)
• Test Head Ground Reference
• Stable with up to 300 pF Capacitive Loading with no external compensation capacitors
• Switchable Compensation allows stability with up to 10 nF Capacitive Loading
• 14x14 mm, 80 Pin MQFP Package (E4287)
• Small, 9x9 mm, 64-Pad LPCC Package (E4237, E4257)

Applications
• Automated Test Equipment
   – Memory Testers
   – Logic Testers
   – Mixed Signal Testers
   – SOC Testers
• Instrumentation




Similar Part No. - E4257

ManufacturerPart #DatasheetDescription
logo
NEC
E425 NEC-E425 Datasheet
699Kb / 2P
NEC LCD 42 Entry Level Large Format Display
More results


Similar Description - E4257

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5520 AD-AD5520 Datasheet
763Kb / 20P
Per Pin Parametric Measurement Unit/Source Measure Unit
10/03-Data Sheet changed from REV. 0 to REV. A.
logo
Maxim Integrated Produc...
MAX9951 MAXIM-MAX9951 Datasheet
499Kb / 23P
Dual Per-Pin Parametric Measurement Units
Rev 1; 2/05
MAX9949 MAXIM-MAX9949 Datasheet
286Kb / 23P
Dual Per-Pin Parametric Measurement Units
Rev 2; 3/09
MAX9951 MAXIM-MAX9951_09 Datasheet
304Kb / 24P
Dual Per-Pin Parametric Measurement Units
Rev 4; 11/09
logo
Analog Devices
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520JSTZ AD-AD5520JSTZ Datasheet
514Kb / 24P
Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_15 Datasheet
514Kb / 24P
Per Pin Parametric Measurement Unit/Source Measure Unit
REV. B
AD5520 AD-AD5520_17 Datasheet
409Kb / 25P
Per Pin Parametric Measurement Unit/Source Measure Unit
9/05-Rev. A to Rev. B
logo
Maxim Integrated Produc...
MAX9949 MAXIM-MAX9949_V01 Datasheet
389Kb / 23P
Dual Per-Pin Parametric Measurement Units
19-3014; Rev 3; 6/10
MAX9951 MAXIM-MAX9951_V01 Datasheet
399Kb / 24P
Dual Per-Pin Parametric Measurement Units
2013
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com