Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDGE629 Datasheet (PDF) - Semtech Corporation

EDGE629 Datasheet PDF - Semtech Corporation
Part # EDGE629
Download  EDGE629 Download
File Size   114.41 Kbytes
Page   16 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1 GHz Timing Deskew and Quad Fanout Element

EDGE629 Datasheet (PDF)

Go To PDF Page Download Datasheet
EDGE629 Datasheet PDF - Semtech Corporation

Part # EDGE629
Download  EDGE629 Click to download

File Size   114.41 Kbytes
Page   16 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 1 GHz Timing Deskew and Quad Fanout Element

EDGE629 Datasheet (HTML) - Semtech Corporation


EDGE629 Product details

Description
The Edge629 is a monolithic timing delay and signal fanout solution manufactured in a high-performance bipolar process. In Automatic Test Equipment (ATE) applications, the Edge629 buffers, distributes, and aligns timing signals across multiple channels (typically found inside Memory Test Systems). It is also suitable for per pin deskew in Logic Testers.

Features
• Fmax ≥ 1 GHz
• Independent Falling Edge Adjust
• Small Footprint (10 mm x 10 mm)
• Excellent Timing Accuracy
• Very Stable Timing Delays
• 5 ps Resolution
• ECL, CMOS Compatible Inputs

Applications
• Memory Test Equipment
    – Data Fanout
    – Channel Deskew
• Logic Testers
    – Per Pin Deskew
• Clock / Signal Fanout




Similar Part No. - EDGE629

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
EDGE6420 SEMTECH-EDGE6420 Datasheet
241Kb / 29P
Per-Pin Electronics Companion DAC
EDGE6435 SEMTECH-EDGE6435 Datasheet
281Kb / 40P
Per-Pin Electronics Companion DAC
EDGE6436 SEMTECH-EDGE6436 Datasheet
281Kb / 40P
Per-Pin Electronics Companion DAC
EDGE646 SEMTECH-EDGE646 Datasheet
135Kb / 13P
Pin Electronics Driver, Window Comparator, and Switch Matrix
EDGE646 SEMTECH-EDGE646 Datasheet
140Kb / 14P
Pin Electronics Driver, Window Comparator, and Switch Matrix
More results


Similar Description - EDGE629

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E142AHF SEMTECH-E142AHF Datasheet
179Kb / 19P
Per Pin timing Deskew w 4x2 Cross Point Switch
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1124 MAXIM-DS1124 Datasheet
142Kb / 9P
5.0V 8-Bit Programmable Timing Element
Rev 0; 7/07
logo
Dallas Semiconductor
DS1123L DALLAS-DS1123L Datasheet
172Kb / 14P
3.3V, 8-Bit, Programmable Timing Element
logo
Maxim Integrated Produc...
DS1124 MAXIM-DS1124_09 Datasheet
148Kb / 10P
5.0V 8-Bit Programmable Timing Element
Rev 1; 4/09
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
Dallas Semiconductor
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
070505
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
logo
Diodes Incorporated
PI6C5913004-01 DIODES-PI6C5913004-01 Datasheet
1Mb / 12P
3 GHz 1:4 LVPECL Fanout Buffer
Rev A October 2016
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com