Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F20 Datasheet (PDF) - Semtech Corporation

F20 Datasheet PDF - Semtech Corporation
Part # F20
Download  F20 Download
File Size   121.72 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 3kV, 350mA, 250ns

F20 Datasheet (PDF)

Go To PDF Page Download Datasheet
F20 Datasheet PDF - Semtech Corporation

Part # F20
Download  F20 Click to download

File Size   121.72 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 3kV, 350mA, 250ns

F20 Datasheet (HTML) - Semtech Corporation




Similar Part No. - F20

ManufacturerPart #DatasheetDescription
logo
Powerbox
F20 POWERBOX-F20 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F20 RFE-F20 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
NEC
F20 NEC-F20 Datasheet
574Kb / 2P
New High Speed Decoupling Device Proadlizer PF/A Series
logo
New Jersey Semi-Conduct...
F20 NJSEMI-F20 Datasheet
74Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
logo
List of Unclassifed Man...
F20 ETC2-F20 Datasheet
1Mb / 111P
8-ch normal DMA controllers and 8-ch dedicated DMA controllers
More results


Similar Description - F20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N3645 SEMTECH-1N3645 Datasheet
118Kb / 3P
RECTIFIER, up to 3kV, 600mA, 2.5關s
M20 SEMTECH-M20 Datasheet
108Kb / 3P
RECTIFIER, up to 3kV, 330mA, 2關s
SFF30 SEMTECH-SFF30 Datasheet
103Kb / 3P
RECTIFIER, 3kV, 360mA, 50ns
logo
Dialight Corporation
MCDE18-350-P DIALIGHT-MCDE18-350-P Datasheet
135Kb / 2P
350MA OUTPUT
logo
Micro Commercial Compon...
BAS48 MCC-BAS48 Datasheet
211Kb / 4P
350mA Schottky Barrier Rectifier 40 Volts
logo
AIMTEC
AMEGR8-KZ-C1 AIMTEC-AMEGR8-KZ-C1 Datasheet
244Kb / 2P
up to 350mA | AC-DC LED Driver
AMEGR11-3630KZ AIMTEC-AMEGR11-3630KZ Datasheet
249Kb / 2P
up to 350mA | AC-DC LED driver
logo
Monolithic Power System...
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
Hongfa Technology
HFD3-V HONGFA-HFD3-V_17 Datasheet
197Kb / 5P
3kV dielectric strength
logo
Micro Commercial Compon...
BAS48 MCC-BAS48_12 Datasheet
191Kb / 4P
350mA Schottky Barrier Rectifier 40 Volts
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com