Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F20 Datasheet(PDF) 1 Page - Semtech Corporation

Part # F20
Description  RECTIFIER, up to 3kV, 350mA, 250ns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

F20 Datasheet(HTML) 1 Page - Semtech Corporation

  F20 Datasheet HTML 1Page - Semtech Corporation F20 Datasheet HTML 2Page - Semtech Corporation F20 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 3kV, 350mA,
250ns
F15
F20
F25
F30
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - F20

ManufacturerPart #DatasheetDescription
logo
Powerbox
F20 POWERBOX-F20 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
RFE international
F20 RFE-F20 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
NEC
F20 NEC-F20 Datasheet
574Kb / 2P
New High Speed Decoupling Device Proadlizer PF/A Series
logo
New Jersey Semi-Conduct...
F20 NJSEMI-F20 Datasheet
74Kb / 2P
AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE SUPERFAST RECTIFIER DIODE
logo
List of Unclassifed Man...
F20 ETC2-F20 Datasheet
1Mb / 111P
8-ch normal DMA controllers and 8-ch dedicated DMA controllers
More results

Similar Description - F20

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N3645 SEMTECH-1N3645 Datasheet
118Kb / 3P
RECTIFIER, up to 3kV, 600mA, 2.5關s
M20 SEMTECH-M20 Datasheet
108Kb / 3P
RECTIFIER, up to 3kV, 330mA, 2關s
SFF30 SEMTECH-SFF30 Datasheet
103Kb / 3P
RECTIFIER, 3kV, 360mA, 50ns
logo
Dialight Corporation
MCDE18-350-P DIALIGHT-MCDE18-350-P Datasheet
135Kb / 2P
350MA OUTPUT
logo
Micro Commercial Compon...
BAS48 MCC-BAS48 Datasheet
211Kb / 4P
350mA Schottky Barrier Rectifier 40 Volts
logo
AIMTEC
AMEGR8-KZ-C1 AIMTEC-AMEGR8-KZ-C1 Datasheet
244Kb / 2P
up to 350mA | AC-DC LED Driver
AMEGR11-3630KZ AIMTEC-AMEGR11-3630KZ Datasheet
249Kb / 2P
up to 350mA | AC-DC LED driver
logo
Monolithic Power System...
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
Hongfa Technology
HFD3-V HONGFA-HFD3-V_17 Datasheet
197Kb / 5P
3kV dielectric strength
logo
Micro Commercial Compon...
BAS48 MCC-BAS48_12 Datasheet
191Kb / 4P
350mA Schottky Barrier Rectifier 40 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com