Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50A Datasheet (PDF) - Semtech Corporation

M50A Datasheet PDF - Semtech Corporation
Part # M50A
Download  M50A Download
File Size   111.06 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 6kV, 260mA, 5關s

M50A Datasheet (PDF)

Go To PDF Page Download Datasheet
M50A Datasheet PDF - Semtech Corporation

Part # M50A
Download  M50A Click to download

File Size   111.06 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 6kV, 260mA, 5關s

M50A Datasheet (HTML) - Semtech Corporation




Similar Part No. - M50A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M50A MACOM-M50A Datasheet
432Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50A MA-COM-M50A Datasheet
1Mb / 3P
Triple-Balanced Mixer
M50A MA-COM-M50A Datasheet
1Mb / 3P
Triple-Balanced Mixer
logo
Tyco Electronics
M50AC MACOM-M50AC Datasheet
432Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50AC MA-COM-M50AC Datasheet
1Mb / 3P
Triple-Balanced Mixer
More results


Similar Description - M50A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MX7575 MAXIM-MX7575 Datasheet
105Kb / 12P
CMOS, uP-Compatible, 5關s/10關s, 8-Bit ADCs
logo
Solid States Devices, I...
SDR6W SSDI-SDR6W Datasheet
158Kb / 2P
6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
logo
Semtech Corporation
1N3645 SEMTECH-1N3645 Datasheet
118Kb / 3P
RECTIFIER, up to 3kV, 600mA, 2.5關s
1N5614 SEMTECH-1N5614 Datasheet
143Kb / 3P
RECTIFIER, up to 1kV, 2A, 2關s
F40A SEMTECH-F40A Datasheet
121Kb / 3P
RECTIFIER, up to 6kV, 100mA, 300ns
M20 SEMTECH-M20 Datasheet
108Kb / 3P
RECTIFIER, up to 3kV, 330mA, 2關s
PF75 SEMTECH-PF75 Datasheet
114Kb / 3P
RECTIFIER, 6kV, 500mA, 350ns PF75
logo
Winchester Electronics ...
SD1705-21-9 WINCHESTER-SD1705-21-9 Datasheet
49Kb / 1P
PLUG, SHV, M (6KV)
logo
GETAI ELECTRONICS DEVIC...
2CL70 GETEDZ-2CL70_16 Datasheet
71Kb / 1P
5mA 6kV HIGH VOLTAGE DIODES
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com