Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF75 Datasheet (PDF) - Semtech Corporation

PF75 Datasheet PDF - Semtech Corporation
Part # PF75
Download  PF75 Download
File Size   114.47 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, 6kV, 500mA, 350ns PF75

PF75 Datasheet (PDF)

Go To PDF Page Download Datasheet
PF75 Datasheet PDF - Semtech Corporation

Part # PF75
Download  PF75 Click to download

File Size   114.47 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, 6kV, 500mA, 350ns PF75

PF75 Datasheet (HTML) - Semtech Corporation




Similar Part No. - PF75

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
PF750G AAVID-PF750G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
PF750G AAVID-PF750G Datasheet
8Mb / 116P
How to Use This Catalog
PF752G AAVID-PF752G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
PF752G AAVID-PF752G Datasheet
8Mb / 116P
How to Use This Catalog
PF758G AAVID-PF758G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
More results


Similar Description - PF75

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC805 SANYO-FC805 Datasheet
50Kb / 2P
30V, 500mA Rectifier
SB05-05CP SANYO-SB05-05CP Datasheet
58Kb / 2P
50V, 500mA Rectifier
SB05-05NP SANYO-SB05-05NP Datasheet
60Kb / 2P
50V, 500mA Rectifier
SB05-09 SANYO-SB05-09 Datasheet
58Kb / 2P
90V, 500mA Rectifier
SB05-18M SANYO-SB05-18M Datasheet
65Kb / 2P
180V, 500mA Rectifier
SB05W05P SANYO-SB05W05P Datasheet
59Kb / 2P
50V, 500mA Rectifier?
SB0503EJ SANYO-SB0503EJ Datasheet
40Kb / 3P
30V, 500mA Rectifier
SBE805 SANYO-SBE805 Datasheet
37Kb / 3P
30V, 500mA Rectifier
logo
Semtech Corporation
F40A SEMTECH-F40A Datasheet
121Kb / 3P
RECTIFIER, up to 6kV, 100mA, 300ns
M50A SEMTECH-M50A Datasheet
111Kb / 3P
RECTIFIER, up to 6kV, 260mA, 5關s
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com