Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC805 Datasheet (PDF) - Sanyo Semicon Device

FC805 Datasheet PDF - Sanyo Semicon Device
Part # FC805
Download  FC805 Download
File Size   50.81 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 500mA Rectifier

FC805 Datasheet (PDF)

Go To PDF Page Download Datasheet
FC805 Datasheet PDF - Sanyo Semicon Device

Part # FC805
Download  FC805 Click to download

File Size   50.81 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 30V, 500mA Rectifier

FC805 Datasheet (HTML) - Sanyo Semicon Device


FC805 Product details

30V, 500mA Rectifier Silicon Schottky Barrier Diode



Features

· Low forward voltage (VF max=0.55V) .

· Fast reverse recorvery time (trr max=10ns) .

· Composite type with 2 diodes contained in the CP package currently in use, saving the mounting space

greatly.

· The FC805 is formed with two chips, each being equivalent to the SB05–03C, placed in one package.




Similar Part No. - FC805

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC801 SANYO-FC801 Datasheet
43Kb / 2P
Composite Diode for High-Speed Switching Applications
FC802 SANYO-FC802 Datasheet
42Kb / 2P
Composite Diode for High-Speed Switching Applications
logo
Positronic.
FC8020D2 POSITRONIC-FC8020D2 Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2AL POSITRONIC-FC8022D2AL Datasheet
4Mb / 86P
Positronic Provides Complete Capability
FC8022D2CH POSITRONIC-FC8022D2CH Datasheet
4Mb / 86P
Positronic Provides Complete Capability
More results


Similar Description - FC805

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB05-03C SANYO-SB05-03C Datasheet
61Kb / 2P
30V, 500mA Rectifier
SB05-03Q SANYO-SB05-03Q Datasheet
63Kb / 2P
30V, 500mA Rectifier
SB0503EJ SANYO-SB0503EJ Datasheet
40Kb / 3P
30V, 500mA Rectifier
SBE805 SANYO-SBE805 Datasheet
37Kb / 3P
30V, 500mA Rectifier
SS0503EJ SANYO-SS0503EJ Datasheet
35Kb / 3P
Schottky Barrier Diode 30V, 500mA Rectifier
logo
Torex Semiconductor
XBS053V13 TOREX-XBS053V13 Datasheet
70Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
XB0ASB03A1BR_001 TOREX-XB0ASB03A1BR_001 Datasheet
115Kb / 4P
Schottky Barrier Diode 500mA 30V Type
XBS053V13-12 TOREX-XBS053V13-12 Datasheet
92Kb / 3P
Schottky Barrier Diode, 500mA, 30V Type
logo
Rohm
2SCR502UB ROHM-2SCR502UB Datasheet
1Mb / 8P
NPN 500mA 30V General purpose transistors
2SCR502E3HZG ROHM-2SCR502E3HZG Datasheet
1Mb / 9P
NPN 500mA 30V General purpose transistors
20220712 - Rev.001
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com