Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S15F Datasheet (PDF) - Semtech Corporation

S15F Datasheet PDF - Semtech Corporation
Part # S15F
Download  S15F Download
File Size   121.02 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 2.5kV, 500mA, 300ns

S15F Datasheet (PDF)

Go To PDF Page Download Datasheet
S15F Datasheet PDF - Semtech Corporation

Part # S15F
Download  S15F Click to download

File Size   121.02 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 2.5kV, 500mA, 300ns

S15F Datasheet (HTML) - Semtech Corporation




Similar Part No. - S15F

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
S15F YANGJIE-S15F Datasheet
105Kb / 2P
Schottky Rectifier
More results


Similar Description - S15F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM75F SEMTECH-SM75F Datasheet
253Kb / 3P
RECTIFIER UP YO 10kV, 290mA, 300ns
logo
Solid States Devices, I...
SDAH2500UF SSDI-SDAH2500UF Datasheet
38Kb / 2P
1.1 to 2 AMPS 2.5kV thru 25kV ULTRAFAST RECOVERY RECTIFIER ASSEMBLY
SDA2500F SSDI-SDA2500F Datasheet
55Kb / 2P
0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
logo
Semtech Corporation
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
F40A SEMTECH-F40A Datasheet
121Kb / 3P
RECTIFIER, up to 6kV, 100mA, 300ns
logo
Axiomtek Co., Ltd.
SBC81203 AXIOMTEK-SBC81203 Datasheet
133Kb / 1P
ISA with up to 500mA high drive supported
SBC81206 AXIOMTEK-SBC81206 Datasheet
134Kb / 1P
ISA with up to 500mA high drive supported
SBC81206 AXIOMTEK-SBC81206_14 Datasheet
135Kb / 2P
ISA with up to 500mA high drive supported
logo
Semtech Corporation
F50 SEMTECH-F50 Datasheet
123Kb / 3P
RECTIFIER, up to 7.5kV, 180mA, 300ns
logo
Maxim Integrated Produc...
MAX40009EVKIT MAXIM-MAX40009EVKIT Datasheet
1Mb / 11P
300ns Propagation Delay
Rev 1; 6/17
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com