Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F50 Datasheet (PDF) - Semtech Corporation

F50 Datasheet PDF - Semtech Corporation
Part # F50
Download  F50 Download
File Size   123.71 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 7.5kV, 180mA, 300ns

F50 Datasheet (PDF)

Go To PDF Page Download Datasheet
F50 Datasheet PDF - Semtech Corporation

Part # F50
Download  F50 Click to download

File Size   123.71 Kbytes
Page   3 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description RECTIFIER, up to 7.5kV, 180mA, 300ns

F50 Datasheet (HTML) - Semtech Corporation




Similar Part No. - F50

ManufacturerPart #DatasheetDescription
logo
Powerbox
F50 POWERBOX-F50 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
F50 XPPOWER-F50 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F50 XPPOWER-F50 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
22 Jun 2022
logo
Magnetrol International...
F50-1A2F-JEE MAGNETROL-F50-1A2F-JEE Datasheet
363Kb / 28P
Flow Switches
logo
ITT Industries
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
RF Coaxial Connectors
More results


Similar Description - F50

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
180mA Low-Noise LDO Regulator
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
180mA Low Voltage CMOS LDO
logo
Semtech Corporation
SM75F SEMTECH-SM75F Datasheet
253Kb / 3P
RECTIFIER UP YO 10kV, 290mA, 300ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
F40A SEMTECH-F40A Datasheet
121Kb / 3P
RECTIFIER, up to 6kV, 100mA, 300ns
S15F SEMTECH-S15F Datasheet
121Kb / 3P
RECTIFIER, up to 2.5kV, 500mA, 300ns
logo
Solid State Optronic
AD4C313 SSOUSA-AD4C313 Datasheet
357Kb / 9P
180mA Maximum Continuous Load Current
logo
M.S. Kennedy Corporatio...
SM6701 MSK-SM6701 Datasheet
96Kb / 1P
Linear LED Driver With Adjustable Current Up to 180mA
logo
SamHop Microelectronics...
SM6701 SAMHOP-SM6701 Datasheet
96Kb / 1P
Linear LED Driver With Adjustable Current Up to 180mA
logo
Maxim Integrated Produc...
MAX40009EVKIT MAXIM-MAX40009EVKIT Datasheet
1Mb / 11P
300ns Propagation Delay
Rev 1; 6/17
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com