Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5207 Datasheet (PDF) - Micrel Semiconductor

MIC5207 Datasheet PDF - Micrel Semiconductor
Part # MIC5207
Download  MIC5207 Download
File Size   78.9 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 180mA Low-Noise LDO Regulator

MIC5207 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5207 Datasheet PDF - Micrel Semiconductor

Part # MIC5207
Download  MIC5207 Click to download

File Size   78.9 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 180mA Low-Noise LDO Regulator

MIC5207 Datasheet (HTML) - Micrel Semiconductor


MIC5207 Product details

General Description

The MIC5207 is an efficient linear voltage regulator with ultra-low-noise output, very low dropout voltage (typically 17mV at light loads and 165mV at 150mA), and very low ground current (720µA at 100mA output). The MIC5207 offers better than 3% initial accuracy.

Designed especially for hand-held, battery-powered devices, the MIC5207 includes a CMOS or TTL compatible enable/shutdown control input. When in shutdown, power consumption drops nearly to zero.

Key MIC5207 features include a reference bypass pin to improve its already low-noise performance, reversed battery protection, current limiting, and overtemperature shutdown.



Features

• Ultra-low-noise output

• High output voltage accuracy

• Guaranteed 180mA output

• Low quiescent current

• Low dropout voltage

• Extremely tight load and line regulation

• Very low temperature coefficient

• Current and thermal limiting

• Reversed-battery protection

• “Zero” off-mode current

• Logic-controlled electronic enable



Applications

• Cellular telephones

• Laptop, notebook, and palmtop computers

• Battery-powered equipment

• PCMCIA VCC and VPP regulation/switching

• Consumer/personal electronics

• SMPS post-regulator/dc-to-dc modules

• High-efficiency linear power supplies



 




Similar Part No. - MIC5207

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5207 MICROCHIP-MIC5207 Datasheet
2Mb / 24P
180 mA Low-Noise LDO Regulator
09/14/21
logo
Micrel Semiconductor
MIC5207-1.8BD5 MICREL-MIC5207-1.8BD5 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
MIC5207-1.8BM5 MICREL-MIC5207-1.8BM5 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
MIC5207-1.8YD5 MICREL-MIC5207-1.8YD5 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
logo
Microchip Technology
MIC5207-1.8YD5-TR MICROCHIP-MIC5207-1.8YD5-TR Datasheet
2Mb / 24P
180 mA Low-Noise LDO Regulator
09/14/21
More results


Similar Description - MIC5207

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
180mA Low Voltage CMOS LDO
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
LOW NOISE 150mA LDO REGULATOR
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
Low-Noise LDO Regulator
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
Low-Noise LDO Regulator
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207_07 Datasheet
407Kb / 13P
180mA Low-Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
180mA Fixed-Voltage Ultra Low LDO
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
LOW NOISE 200mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
Low-Noise, LDO Regulator
Rev. 1.5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com