Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5207 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5207
Description  180mA Low-Noise LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5207 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5207 Datasheet HTML 1Page - Micrel Semiconductor MIC5207 Datasheet HTML 2Page - Micrel Semiconductor MIC5207 Datasheet HTML 3Page - Micrel Semiconductor MIC5207 Datasheet HTML 4Page - Micrel Semiconductor MIC5207 Datasheet HTML 5Page - Micrel Semiconductor MIC5207 Datasheet HTML 6Page - Micrel Semiconductor MIC5207 Datasheet HTML 7Page - Micrel Semiconductor MIC5207 Datasheet HTML 8Page - Micrel Semiconductor MIC5207 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC5207
Micrel
MIC5207
2
January 2000
IN
OUT
GND
12
3
(Bottom View)
MIC5207-x.xBZ
TO-92
(Fixed Voltages)
Pin Configuration
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (V
IN) ............................ –20V to +20V
Enable Input Voltage (V
EN) ........................... –20V to +20V
Power Dissipation (P
D) ............... Internally Limited, Note 3
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Junction Temperature (T
J)
all except 1.8V ...................................... –40
°C to +125°C
1.8V only .................................................. 0
°C to +125°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings (Note 2)
Input Voltage (V
IN) ....................................... +2.5V to +16V
Enable Input Voltage (V
EN) .................................. 0V to VIN
Junction Temperature (T
J)
all except 1.8V ...................................... –40
°C to +125°C
1.8V only .................................................. 0
°C to +125°C
Thermal Resistance
(θ
JA) ......................................... Note 3
Pin Description
Pin No.
Pin No.
Pin Name
Pin Function
SOT-23-5
TO-92
1
1
IN
Supply Input
2
2
GND
Ground
3
EN
Enable/Shutdown (Input): CMOS compatible input. Logic high = enable,
logic low or open = shutdown.
4 (fix)
BYP
Reference Bypass: Connect external 470pF capacitor to GND to reduce
output noise. May be left open. For 1.8V or 2.5V operation, see “Applications
Information.”
4 (adj)
ADJ
Adjust (Input): Adjustable regulator feedback input. Connect to resistor
voltage divider.
5
3
OUT
Regulator Output
IN
OUT
BYP
EN
LExx
1
3
45
2
GND
MIC5207-x.xBM5
SOT-23-5
(Fixed Voltages)
Part
Identification
IN
OUT
ADJ
EN
LEAA
1
3
45
2
GND
MIC5207BM5
SOT-23-5
(Adjustable Voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com