Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XE1205 Datasheet (PDF) - Semtech Corporation

XE1205 Datasheet PDF - Semtech Corporation
Part # XE1205
Download  XE1205 Download
File Size   778.34 Kbytes
Page   48 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 180 MHz - 1GHz Low-Power, High Link Budget Integrated UHF Transceiver

XE1205 Datasheet (PDF)

Go To PDF Page Download Datasheet
XE1205 Datasheet PDF - Semtech Corporation

Part # XE1205
Download  XE1205 Click to download

File Size   778.34 Kbytes
Page   48 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 180 MHz - 1GHz Low-Power, High Link Budget Integrated UHF Transceiver

XE1205 Datasheet (HTML) - Semtech Corporation


XE1205 Product details

GENERAL DESCRIPTION
The XE1205 is an integrated transceiver operating in the 433, 868 and 915 MHz license-free ISM (Industrial, Scientific and Medical) frequency bands; it can also address other frequency bands in the 180-1000 MHz range. Its highly integrated architecture allows for minimum external components while maintaining design flexibility.

KEY PRODUCT FEATURES
• Programmable RF output power: up to +15 dBm
• High Rx sensitivity: down to -121 dBm at 1.2 kbit/s, -116 dBm at 4.8 kbits.
• Low power: RX=14 mA; TX = 62 mA @ 15 dBm
• Can accommodate 300-1000 MHz frequency range
• Wide band operation: up to 304.7 kbit/s, NRZ coding
• Narrow band operation: 25 kHz channels for data rates up to 4.8 kbit/s, NRZ coding; optional transmitter pre-filtering to enable adjacent channel power below -37 dBm at 25 kHz
• On-chip frequency synthesizer with minimum frequency resolution of 500 Hz
• Continuous phase 2-level FSK modulation
• Incoming data pattern recognition
• Built-in Bit-Synchronizer for incoming data and clock synchronization and recovery
• FEI (Frequency Error Indicator) with built-in AFC
• RSSI (Received Signal Strength Indicator)
• 16-byte FIFO for transmit / receive data buffering and transfer via SPI bus

APPLICATIONS
• Narrow-band and wide-band security systems
• Voice and data over an RF link
• Process and building control
• Access control
• Home automation
• Home appliances interconnection




Similar Part No. - XE1205

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE12001 OKAYA-XE12001 Datasheet
401Kb / 1P
SPARK QUENCHER
XE12001 OKAYA-XE12001 Datasheet
76Kb / 1P
SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
401Kb / 1P
SPARK QUENCHER
XE120033 OKAYA-XE120033 Datasheet
76Kb / 1P
SPARK QUENCHER
XE1201 OKAYA-XE1201 Datasheet
401Kb / 1P
SPARK QUENCHER
More results


Similar Description - XE1205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
Low-power, integrated UHF transceiver
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
Low-Power, integrated UHF transceiver
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
Low Power Integrated UHF Transceiver
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
Transceiver Low Power Integrated UHF Transceiver
SX1232 SEMTECH-SX1232 Datasheet
1Mb / 97P
High Link Budget Integrated UHF Transceiver
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
High Link Budget Integrated UHF Transceiver
logo
List of Unclassifed Man...
RFM66W ETC2-RFM66W Datasheet
2Mb / 87P
868 & 915MHz Ultra Low Power High Link Budget Integrated UHF Transceiver
logo
Semtech Corporation
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
Low Power Integrated UHF Transceiver
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com