Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1232 Datasheet (PDF) - Semtech Corporation

SX1232 Datasheet PDF - Semtech Corporation
Part # SX1232
Download  SX1232 Download
File Size   1338.7 Kbytes
Page   97 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Link Budget Integrated UHF Transceiver

SX1232 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1232 Datasheet PDF - Semtech Corporation

Part # SX1232
Download  SX1232 Click to download

File Size   1338.7 Kbytes
Page   97 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description High Link Budget Integrated UHF Transceiver

SX1232 Datasheet (HTML) - Semtech Corporation


SX1232 Product details

GENERAL DESCRIPTION

The SX1232 is a fully integrated ISM band transceiver optimized for use in the (EN 300 220-1) 868 MHz band in Europe and the (FCC Part 15) 915 MHz band in the US with a minimum of external components. It offers a combination of high link budget and low current consumption in all operating modes. The 143 dB link budget is achieved by a low noise CMOS receiver front end and up to +20 dBm of transmit output power. A pair of internal power amplifiers are provided permitting either fully regulated - for constant RF performance, or direct supply connection - for optimal efficiency. This makes SX1232 ideal for either M2M applications powered by alkaline battery chemistries or long battery life metering applications using Lithium battery chemistries.



KEY PRODUCT FEATURES

♦ +20 dBm - 100 mW Constant RF output vs. Vsupply

♦ +14 dBm high efficiency PA

♦ Programmable bit rate up to 300kbps

♦ High Sensitivity: down to -123 dBm at 1.2 kbps

♦ Bullet-proof front end: IIP3 = -12 dBm

♦ 80 dB Blocking Immunity

♦ Low RX current of 9.3 mA, 100nA register retention

♦ Fully integrated synthesizer with a resolution of 61 Hz

♦ FSK, GFSK, MSK, GMSK and OOK modulations

♦ Built-in Bit Synchronizer performing Clock Recovery

♦ Sync Word Recognition

♦ Preamble detection

♦ io-homecontrol® features

♦ 115 dB+ Dynamic Range RSSI

♦ Automatic RF Sense with ultra-fast AFC

♦ Packet engine up to 64 bytes with CRC

♦ Built-in temperature sensor and Low Battery indicator



APPLICATIONS

♦ Automated Meter Reading

♦ Wireless Sensor Networks

♦ Home and Building Automation

♦ Wireless Alarm and Security Systems

♦ Industrial Monitoring and Control



 




Similar Part No. - SX1232

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1232IMLTRT SEMTECH-SX1232IMLTRT Datasheet
1Mb / 97P
High Link Budget Integrated UHF Transceiver
More results


Similar Description - SX1232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
Low-Power, integrated UHF transceiver
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
UHF Transparent Data Link transceiver
logo
Radiometrix Ltd
TDL2A-433-9 RADIOMETRIX-TDL2A-433-9 Datasheet
342Kb / 11P
UHF Multi Channel Transparent Data Link Transceiver
logo
Semtech Corporation
XE1205 SEMTECH-XE1205 Datasheet
778Kb / 48P
180 MHz - 1GHz Low-Power, High Link Budget Integrated UHF Transceiver
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
Transceiver Low Power Integrated UHF Transceiver
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
High Bit Rate Transceiver Low Power Integrated UHF Transceiver
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
High Link Budget Integrated UHF Transceiver
logo
Finisar Corporation.
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
logo
List of Unclassifed Man...
RFM66W ETC2-RFM66W Datasheet
2Mb / 87P
868 & 915MHz Ultra Low Power High Link Budget Integrated UHF Transceiver
logo
STMicroelectronics
B-L072Z-LRWAN1 STMICROELECTRONICS-B-L072Z-LRWAN1 Datasheet
304Kb / 4P
157 dB maximum link budget
30-Jan-2017
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com