Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B-L072Z-LRWAN1 Datasheet (PDF) - STMicroelectronics

B-L072Z-LRWAN1 Datasheet PDF - STMicroelectronics
Part # B-L072Z-LRWAN1
Download  B-L072Z-LRWAN1 Download
File Size   304.11 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 157 dB maximum link budget

B-L072Z-LRWAN1 Datasheet (PDF)

Go To PDF Page Download Datasheet
B-L072Z-LRWAN1 Datasheet PDF - STMicroelectronics

Part # B-L072Z-LRWAN1
Download  B-L072Z-LRWAN1 Click to download

File Size   304.11 Kbytes
Page   4 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 157 dB maximum link budget

B-L072Z-LRWAN1 Datasheet (HTML) - STMicroelectronics


B-L072Z-LRWAN1 Product details

Features
■ CMWX1ZZABZ-091 LoRa® module (Murata) – Embedded ultra-low-power STM32L072CZ Series MCUs, based on ARM®Cortex® -M0+ core, with 192 Kbytes of Flash memory, 20 Kbytes of RAM, 20 Kbytes of EEPROM – USB 2.0 FS – 4-channel,12-bit ADC, 2xDAC – 6-bit timers, LP-UART, I2C and SPI – Embedded SX1276 transceiver – LoRa®, FSK, GFSK, MSK, GMSK and OOK modulations – +14 dBm or +20 dBm selectable output power – 157 dB maximum link budget – Programmable bit rate up to 300 Kbit/s – High sensitivity: down to -137 dBm – Bullet-proof front end: IIP3 = -12.5 dBm – 89 dB blocking immunity – Low RX current of 10 mA, 200 nA register retention – Fully integrated synthesizer with a resolution of 61 Hz – Built-in bit synchronizer for clock recovery – Sync word recognition – Preamble detection – 127 dB+ dynamic range RSSI
■ SMA and U.FL RF interface connectors
■ Including 50 Ohm SMA RF antenna
■ On-board ST-LINK/V2-1 supporting USB re-enumeration capability
■ USB ST-LINK functions: – Virtual COM port – Mass storage – Debug port 1. Picture is not contractual.
■ Board power supply: – Through USB bus or external VIN/3.3 V supply voltage or batteries
■ 3xAAA-type-battery holder for standalone operation
■ 7 LEDs: – 4 general-purpose LEDs – A 5 V-power LED – An ST-LINK-communication LED – A fault-power LED
■ 2 push-buttons (user and reset)
■ Arduino™ Uno V3 connectors
■ ARM® mbed™ (see http://mbed.org)




Similar Part No. - B-L072Z-LRWAN1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
B-L072Z-LRWAN1 STMICROELECTRONICS-B-L072Z-LRWAN1 Datasheet
3Mb / 26P
STM32 development boards
More results


Similar Description - B-L072Z-LRWAN1

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE1205 SEMTECH-XE1205 Datasheet
778Kb / 48P
180 MHz - 1GHz Low-Power, High Link Budget Integrated UHF Transceiver
logo
Molex Electronics Ltd.
0471190001 MOLEX6-0471190001 Datasheet
102Kb / 3P
4.00mm (.157") Pitch Pogo Pin Connector, SMT, Vertical, 4.00mm (.157") Action Height, 107g Maximum
logo
Semtech Corporation
SX1232 SEMTECH-SX1232 Datasheet
1Mb / 97P
High Link Budget Integrated UHF Transceiver
SX1233 SEMTECH-SX1233_12 Datasheet
1Mb / 97P
High Link Budget Integrated UHF Transceiver
logo
Tyco Electronics
34227 MACOM-34227 Datasheet
45Kb / 1P
SPLICE, BUTT, STANDARD, BUDGET
logo
Finisar Corporation.
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
logo
List of Unclassifed Man...
RFM66W ETC2-RFM66W Datasheet
2Mb / 87P
868 & 915MHz Ultra Low Power High Link Budget Integrated UHF Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6342 AVAGO-AMGP-6342 Datasheet
147Kb / 7P
9 dB Maximum Gain
logo
Adels-Contact
412202 ADELS-412202 Datasheet
134Kb / 1P
157/ 2
logo
TE Connectivity Ltd
T200 TEC-T200 Datasheet
616Kb / 5P
BUDGET THERMAL TRANSFER PRINTER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com