Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMGP-6342 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMGP-6342 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMGP-6342
Download  AMGP-6342 Download
File Size   147.32 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 9 dB Maximum Gain

AMGP-6342 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMGP-6342 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMGP-6342
Download  AMGP-6342 Click to download

File Size   147.32 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 9 dB Maximum Gain

AMGP-6342 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - AMGP-6342

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMGP-6342 BOARDCOM-AMGP-6342 Datasheet
147Kb / 7P
40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
AMGP-6342-BLKG BOARDCOM-AMGP-6342-BLKG Datasheet
147Kb / 7P
40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
AMGP-6342-TR1G BOARDCOM-AMGP-6342-TR1G Datasheet
147Kb / 7P
40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
AMGP-6342-TR2G BOARDCOM-AMGP-6342-TR2G Datasheet
147Kb / 7P
40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
More results


Similar Description - AMGP-6342

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7395-9 PASTERNACK-PE7395-9 Datasheet
206Kb / 3P
9 dB Fixed Attenuator
logo
Texas Instruments
TRF37A75 TI1-TRF37A75 Datasheet
1Mb / 20P
Gain Versions: 12 dB
logo
Pasternack Enterprises,...
PE15A3500 PASTERNACK-PE15A3500 Datasheet
450Kb / 6P
Gain of 60 dB typ
PE15A3502 PASTERNACK-PE15A3502 Datasheet
606Kb / 6P
Gain of 60 dB typ
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
Gain of 40 dB typ
PE15A3017 PASTERNACK-PE15A3017 Datasheet
460Kb / 5P
Gain 36 dB min
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
Gain 22 dB typ
PE15A3262 PASTERNACK-PE15A3262 Datasheet
497Kb / 6P
Gain 30 dB min
logo
M/A-COM Technology Solu...
MAUC-010515 MA-COM-MAUC-010515 Datasheet
1Mb / 8P
11 dB Conversion Gain
logo
Infineon Technologies A...
BGA7H1BN6 INFINEON-BGA7H1BN6 Datasheet
1Mb / 16P
Insertion power gain: 12.3 dB
Revision 3.2, 2017-03-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com