Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMGP-6342 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMGP-6342
Description  9 dB Maximum Gain
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMGP-6342 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMGP-6342 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMGP-6342 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMGP-6342 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMGP-6342 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMGP-6342 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMGP-6342 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMGP-6342 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ELECTRICAL SPECIFICATIONS
Table 1. Absolute Minimum and Maximum Ratings
Parameter
Specifications
Comments
Description
Min.
Max.
Unit
Drain Voltage
Vd
5.25
V
Control Voltage
Vc
-3
+1.5
V
CW Input Power
5
dBm
MSL
MSL2A
Channel Temperature
150
°C
Storage Temperature
-45
150
°C
Table 2. Recommended Operating Range
Parameter
Specifications
Comments
Description
Pin
Min.
Typical
Max.
Unit
Drain Voltage
Vd
4.5
5.0
5.0
V
Control Voltage
Vc
-1.0
0
V
Vc = -1 V is max. gain state
Frequency range
40.5
43.5
GHz
Thermal Resistance,
ch-b
23.9
°C/W
Case Temperature
-40
+85
°C
ESD
Human Body Model
150
V
Class 0 is ESD voltage level < 250 V
Machine Model
40
V
Class A is ESD voltage level < 200 V
Table 3. RF Electrical Characteristics
All data measured on a Rogers 4350 demo board at Vd = 5 V, TA = 25° C and 50
 at all ports, unless otherwise specified.
Parameter
Performance
Comments
Min.
Typical
Max.
Unit
Gain
40.5GHz
42GHz
43.5GHz
8
11.3
9
9.3
dB
Vc = -1 V
Gain Dynamic Range
40.5 – 43.5 GHz
25
dB
Input IP3 (max. Gain)
40.5GHz
42GHz
43.5GHz
813
14.4
13.3
dBm
Pin = -5 dBm / Tone
Noise Figure (max. Gain)
10
dB
@ 40.5 GHz
Input Return Loss
40.5 – 43.5 GHz
10
dB
Over dynamic range
Output Return Loss
40.5 – 43.5 GHz
10
dB
Over dynamic range
Drain Current (Id)
205
mA
Control Voltage
-1/0
V
-1 V = Max. Gain
0 V = Min. Gain
Control Current (Ic)
1
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com