Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1210 Datasheet (PDF) - Semtech Corporation

SX1210 Datasheet PDF - Semtech Corporation
Part # SX1210
Download  SX1210 Download
File Size   1507.13 Kbytes
Page   73 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Ultra-Low Power Integrated UHF Receiver

SX1210 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1210 Datasheet PDF - Semtech Corporation

Part # SX1210
Download  SX1210 Click to download

File Size   1507.13 Kbytes
Page   73 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Ultra-Low Power Integrated UHF Receiver

SX1210 Datasheet (HTML) - Semtech Corporation


SX1210 Product details

GENERAL DESCRIPTION
The SX1239 is a highly integrated RF receiver capable of operation over a wide frequency range, including the 433, 868 and 915 MHz license-free ISM (Industry Scientific and Medical) frequency bands. Its highly integrated architecture allows for a minimum of external components whilst maintaining maximum design flexibility. All major RF communication parameters are programmable and most of them can be dynamically set. The SX1239 offers the unique advantage of programmable narrow-band and wide-band communication modes without the need to modify external components. The SX1239 is optimized for low power consumption while offering high sensitivity and channelized operation. TrueRF™ technology enables a lowcost external component count (elimination of the SAW filter) whilst still satisfying ETSI and FCC regulations.

KEY PRODUCT FEATURES
◆ High Sensitivity: down to -120 dBm at 1.2 kbps
◆ High Selectivity: 16-tap FIR Channel Filter
◆ Bullet-proof front end: IIP3 = -18 dBm, IIP2 = +35 dBm, 80 dB Blocking Immunity, no Image Frequency response
◆ Low current: Rx = 16 mA, 100nA register retention
◆ Constant RF performance over voltage range of chip
◆ FSK Bit rates up to 300 kb/s
◆ Fully integrated synthesizer with a resolution of 61 Hz
◆ FSK, GFSK, MSK, GMSK and OOK demodulation
◆ Built-in Bit Synchronizer performing Clock Recovery
◆ Incoming Sync Word Recognition
◆ 115 dB+ Dynamic Range RSSI
◆ Automatic RF Sense with ultra-fast AFC
◆ Packet engine with CRC, AES-128 encryption and 66- byte FIFO
◆ Built-in temperature sensor and Low Battery indicator

APPLICATIONS
◆ Automated Meter Reading
◆ Wireless Sensor Networks
◆ Home and Building Automation
◆ Wireless Alarm and Security Systems
◆ Industrial Monitoring and Control




Similar Part No. - SX1210

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1211 SEMTECH-SX1211 Datasheet
1Mb / 73P
Lowest Power Integrated UHF Transceiver Short Range Devices
SX1211 SEMTECH-SX1211 Datasheet
1Mb / 92P
Ultra-Low Power Integrated UHF Transceiver
SX1211-11SKA SEMTECH-SX1211-11SKA Datasheet
944Kb / 26P
Advanced Mode
SX1211I084T SEMTECH-SX1211I084T Datasheet
1Mb / 92P
Ultra-Low Power Integrated UHF Transceiver
SX1211I084TRT SEMTECH-SX1211I084TRT Datasheet
1Mb / 73P
Lowest Power Integrated UHF Transceiver Short Range Devices
More results


Similar Description - SX1210

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
Ultra-Low Power Integrated UHF Transceiver
SX1213 SEMTECH-SX1213 Datasheet
1Mb / 65P
Ultra-Low Power Integrated UHF Receiver
SX1239 SEMTECH-SX1239 Datasheet
884Kb / 73P
Low Power Integrated UHF Receiver
SX1239 SEMTECH-SX1239_11 Datasheet
899Kb / 73P
Low Power Integrated UHF Receiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
RF65 ETC2-RF65 Datasheet
2Mb / 72P
Low Power Integrated UHF Receiver With -120dBm High Sensitivity
logo
Microchip Technology
MRF39RA MICROCHIP-MRF39RA Datasheet
1Mb / 72P
Low-Power, Integrated UHF Receiver
01/27/15
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
Ultra-Low Power Integrated UHF Transceiver
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com