Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF007 Datasheet (PDF) - Micrel Semiconductor

MICRF007 Datasheet PDF - Micrel Semiconductor
Part # MICRF007
Download  MICRF007 Download
File Size   96.51 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadio Low-Power UHF Receiver

MICRF007 Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF007 Datasheet PDF - Micrel Semiconductor

Part # MICRF007
Download  MICRF007 Click to download

File Size   96.51 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadio Low-Power UHF Receiver

MICRF007 Datasheet (HTML) - Micrel Semiconductor


MICRF007 Product details

General Description

The MICRF007 is a single chip, ON-OFF Keyed (ASK/OOK) Receiver for remote wireless applications, employing Micrel’s latest QwikRadio®technology. This device is a true “antenna-in to data-out” monolithic device. All RF and IF tuning is accomplished automatically within the IC, which eliminates manual tuning, and reduces production costs. The result is a highly reliable yet extremely low cost solution. The MICRF007 is an enhanced version of the MICRF002 and MICRF011.



Features

• Complete UHF receiver on a monolithic chip

• 300MHz to 440MHz

• Data rates up to 3.2kbps NRZ

• Automatic tuning, no manual adjustment

• Low power consumption

   – 315MHz:

      2.3 mA fully operational

      0.5µA shutdown

      230µA polled at a 10:1 duty cycle ratio

   – 433.92MHz:

      3.8mA fully operational

      0.5µA shutdown

      380µA polled at a 10:1 duty cycle ratio

• Virtually no RF re-radiation at the antenna

• CMOS logic interface to standard decoder and micro processor ICs

• Extremely low external part count

• No filters or inductors required



Applications

• Automotive remote keyless entry (RKE)

• Long range RF identification

• Remote fan and light control

• Garage door and gate openers



 




Similar Part No. - MICRF007

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF007BM MICREL-MICRF007BM Datasheet
775Kb / 13P
QwikRadio짰 Low-Power UHF Receiver
MICRF007 MICREL-MICRF007_04 Datasheet
775Kb / 13P
QwikRadio짰 Low-Power UHF Receiver
More results


Similar Description - MICRF007

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF004 MICREL-MICRF004 Datasheet
94Kb / 16P
QwikRadio??Low-Power VHF Receiver Advance Information
MICRF102 MICREL-MICRF102 Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
MICRF008 MICREL-MICRF008 Datasheet
115Kb / 12P
QwikRadio??Sweep-Mode Receiver
MICRF103 MICREL-MICRF103 Datasheet
41Kb / 7P
QwikRadio UHF ASK Transmitter
MICRF104 MICREL-MICRF104 Datasheet
45Kb / 10P
1.8V, QwikRadio??UHF ASK Transmitter
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
MICRF008 MICREL-MICRF008_11 Datasheet
208Kb / 13P
QwikRadio Sweep-Mode Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF102 MICREL-MICRF102_06 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com