Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF007 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF007
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF007 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF007 Datasheet HTML 6Page - Micrel Semiconductor MICRF007 Datasheet HTML 7Page - Micrel Semiconductor MICRF007 Datasheet HTML 8Page - Micrel Semiconductor MICRF007 Datasheet HTML 9Page - Micrel Semiconductor MICRF007 Datasheet HTML 10Page - Micrel Semiconductor MICRF007 Datasheet HTML 11Page - Micrel Semiconductor MICRF007 Datasheet HTML 12Page - Micrel Semiconductor MICRF007 Datasheet HTML 13Page - Micrel Semiconductor MICRF007 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MICRF007
Micrel
MICRF007
10
December 2000
to Internal
Circuits
VDDBB
VSSBB
SHUT
Q2
Q3
Q1
VSSBB
Figure 6. SHUT
Control input circuitry is shown in Figure 6. The standard input
is a logic inverter constructed with minimum geometry
MOSFETs (Q2, Q3). P-channel MOSFET Q1 is a large
channel length device which functions essentially as a “weak”
pullup to VDD. Typical pullup current is 5
µA, leading to an
impedance to the VDD supply of typically 1M
Ω.
R2
10k
C3(CTH)
0.047
µF
C2
0.1
µF
C1
4.7
µF
C4
4.7
µF
Y1
6.7458MHz
REF.OSC.
GND
SHUT
GND
DO
GND
J2
J5
J4
C5
(Not Placed)
REFOSC
CAGC
SHUT
DO
VSS
ANT
VDDRF
CTH
+5V
GND
J3
J1
RF INPUT
Z1
Z3
Z4
Z2
R1
Squelch
Resistor
(Not Placed)
Figure 1. Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com