Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF007 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF007
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF007 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF007 Datasheet HTML 8Page - Micrel Semiconductor MICRF007 Datasheet HTML 9Page - Micrel Semiconductor MICRF007 Datasheet HTML 10Page - Micrel Semiconductor MICRF007 Datasheet HTML 11Page - Micrel Semiconductor MICRF007 Datasheet HTML 12Page - Micrel Semiconductor MICRF007 Datasheet HTML 13Page - Micrel Semiconductor MICRF007 Datasheet HTML 14Page - Micrel Semiconductor MICRF007 Datasheet HTML 15Page - Micrel Semiconductor MICRF007 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MICRF007
Micrel
MICRF007
14
December 2000
SEL0
VSSRF
REFOSC
ANT
CAGC
VDD
SHUT
CTH
DO
C2
2.2
µF
4.8970MHz
Y1
U1 MICRF002
4.7
µF
Optional Filter
8.2pF, 16.6nH
pcb foil inductor
1in of 30mil trace
C4
L1
+5V
Supply
Input
C1
4.7
µF
A0
VDD
A1
VT
A2
OSC1
A3
OSC2
A4
DIN
A5
D11
A6
D10
A7
D9
U2 HT-12D
VSS
D8
R1
68k
R2
1k
Code Bit 0
Code Bit 1
RF
(Analog)
Ground
Baseband
(Digital)
Ground
0.4
monopole
antenna (11.6in)
6-bit
address
Figure 7a. 315MHz, 1kb/s On-Off Keyed Receiver/Decoder
m
e
t
Ir
e
b
m
u
N
t
r
a
Pr
e
r
u
t
c
a
f
u
n
a
Mn
o
i
t
p
i
r
c
s
e
D
1
U2
0
0
F
R
C
I
Ml
e
r
c
i
Mr
e
v
i
e
c
e
r
F
H
U
2
UD
2
1
-
T
Hk
e
t
l
o
Hr
e
d
o
c
e
d
c
i
g
o
l
1
R
CG
M
0
0
.
6
A
S
Ca
t
a
r
u
Mr
o
t
a
n
o
s
e
r
c
i
m
a
r
e
c
z
H
M
0
0
.
6
1
DD
I
L
0
0
1
X
L
-
F
S
Sx
e
m
u
LD
E
L
d
e
r
1
R
%
5
W
4
/
1
k
8
6
2
Ry
a
h
s
i
V%
5
W
4
/
1
k
1
1
Cy
a
h
s
i
Vr
o
t
i
c
a
p
a
c
m
u
l
a
t
n
a
t
d
e
p
p
i
d
F
µ
7
.
4
3
Cy
a
h
s
i
Vr
o
t
i
c
a
p
a
c
m
u
l
a
t
n
a
t
d
e
p
p
i
d
F
µ
7
.
4
2
Cy
a
h
s
i
Vr
o
t
i
c
a
p
a
c
m
u
l
a
t
n
a
t
d
e
p
p
i
d
F
µ
2
.
2
4
Cy
a
h
s
i
Vr
o
t
i
c
a
p
a
c
c
i
m
a
r
e
c
G
O
C
F
p
2
.
8
Figure 7b. Bill of Material
r
o
d
n
e
Ve
n
o
h
p
e
l
e
TX
A
F
y
a
h
s
i
V1
6
2
6
-
8
6
2
)
3
0
2
(
—
k
e
t
l
o
H6
4
0
9
-
4
9
8
)
8
0
4
(8
3
8
0
-
4
9
8
)
8
0
4
(
x
e
m
u
L6
6
6
5
-
8
7
2
)
0
0
8
(4
0
9
8
-
9
5
3
)
7
4
8
(
a
t
a
r
u
M4
7
5
6
-
1
4
2
)
0
0
8
(0
3
0
3
-
6
3
4
)
0
7
7
(
Figure 7c. Component Vendors
315.0MHz Receiver/Decoder Application
Figure 7a illustrates a typical application for the MICRF007
UHF Receiver IC. This receiver operates continuously (not
duty cycled), and features 6-bit address decoding and two
output code bits.
Operation in this example is at 315.5MHz, and may be
customized by selection of the appropriate frequency refer-
ence (Y1), and adjustment of the antenna length. The value
of C4 would also change if the optional input filter is used.
Changes from the 1kb/s data rate may require a change in the
value of R1. A bill of materials accompanies the schematic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com