Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF007 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MICRF007
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF007 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MICRF007 Datasheet HTML 3Page - Micrel Semiconductor MICRF007 Datasheet HTML 4Page - Micrel Semiconductor MICRF007 Datasheet HTML 5Page - Micrel Semiconductor MICRF007 Datasheet HTML 6Page - Micrel Semiconductor MICRF007 Datasheet HTML 7Page - Micrel Semiconductor MICRF007 Datasheet HTML 8Page - Micrel Semiconductor MICRF007 Datasheet HTML 9Page - Micrel Semiconductor MICRF007 Datasheet HTML 10Page - Micrel Semiconductor MICRF007 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
December 2000
7
MICRF007
MICRF007
Micrel
Functional Description
Refer to “MICRF007 Block Diagram”. Identified in the block
diagram are the three sections of the IC: UHF Downconverter,
OOK Demodulator and Reference and Control, and Wakeup.
Also shown in the figure are two capacitors (C
TH, CAGC) and
one timing component (Y1), usually a crystal. With the
exception of a supply decoupling capacitor, these are the only
external components needed by the MICRF007 to assemble
a complete UHF receiver. There is one control input, the
SHUT pin. The SHUT function is used to enable the reciever.
These inputs are CMOS compatible, and are pulled-up on the
IC.
Receiver Operation
The MICRF007 is a standard superheterodyne receiver with
a narrow RF bandwidth IF. The narrow bandwidth receiver is
less susceptible to interfering RF signals. The MICRF007 is
capable of data rates up to 2.1kbps. Typically a crystal is
used for the reference oscillator frequency. The MICRF007
RF center frequency is controlled by a completely integrated
PLL / VCO frequency synthesizer which is referenced to the
crystal frequency.
Since the MICRF007 bandwidth is 430kHz, a tight tolerance
transmitter must be used for the system. Typically SAW or
crystal based transmitters are used in application designs.
IF Bandpass Filter
Rolloff response of the IF Filter is 5th order, while the
demodulator data filter exhibits a 2nd order response.
Baseband Demodulator Filter Bandwidth
The MICRF007 has a fully intergrated baseband demodula-
tor filter. The filter has a fixed 2.1kHz bandwidth. This filter
limits the reciever raw data rate to 2kbps.
Functional Diagram
Peak
Detector
AGC
Control
2nd Order
Programmable
Low-Pass Filter
5th Order
Band-Pass Filter
Programmable
Synthesizer
Control
Logic
RSC
Reference
Oscillator
Cystal
or
Ceramic
Resonator
CAGC
ANT
VDD
VSS
REFOSC
430kHz
Switched-
Capacitor
Resistor
CTH
DO
MICRF002
RF
Amp
IF
Amp
IF
Amp
Compa-
rator
Reference and Control
UHF Downconverter
OOK Demodulator
fRX
fLO
fIF
SHUT
CAGC
CTH
fT
MICRF007 Block Diagram
Data Slicing Level
Extraction of the dc value of the demodulated signal for
purposes of logic-level data slicing is accomplished using the
external threshold capacitor C
TH and the on-chip switched-
capacitor “resistor” R
SC, shown in the block diagram. The
effective resistance of R
SC is 118kΩ.
Slicing level time constant values vary somewhat with de-
coder type, data pattern, and data rate, but typically values
range from 5ms to 50ms. Optimization of the value of C
TH is
required to maximize range.
Automatic Gain Control
The signal path has AGC (automatic gain control) to increase
input dynamic range. An external capacitor, C
AGC, must be
connected to the CAGC pin of the device. The ratio of decay-
to-attack time-constant is fixed at 10:1 (that is, the attack time
constant is 1/10th of the decay time constant), and this ratio
cannot be changed by the user. However, the attack time
constant is set externally by choosing a value for C
AGC.
The AGC control voltage is carefully managed on-chip to
allow duty-cycle operation of the MICRF007 in excess of
100:1. When the device is placed into shutdown mode (SHUT
pin pulled high), the AGC capacitor floats, to retain the
voltage. When operation is resumed, only the voltage droop
on the capacitor due to leakage must be replenished, there-
fore a relatively low-leakage capacitor is recommended for
duty-cycled operation. The actual tolerable leakage will be
application dependent. Clearly, leakage performance is less
critical when the device off-time is low (milliseconds) and
more critical when the off-time is high (seconds).
To further enhance duty-cycled operation of the IC, the AGC
push and pull currents are increased for a fixed time immedi-
ately after the device is taken out of shutdown mode (turned-
on). This compensates for AGC capacitor voltage droop
while the IC is in shutdown mode, reduces the time to restore
the correct AGC voltage, and therefore extends maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com