Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF007 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF007
Description  QwikRadio Low-Power UHF Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF007 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF007 Datasheet HTML 1Page - Micrel Semiconductor MICRF007 Datasheet HTML 2Page - Micrel Semiconductor MICRF007 Datasheet HTML 3Page - Micrel Semiconductor MICRF007 Datasheet HTML 4Page - Micrel Semiconductor MICRF007 Datasheet HTML 5Page - Micrel Semiconductor MICRF007 Datasheet HTML 6Page - Micrel Semiconductor MICRF007 Datasheet HTML 7Page - Micrel Semiconductor MICRF007 Datasheet HTML 8Page - Micrel Semiconductor MICRF007 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
December 2000
1
MICRF007
MICRF007
Micrel
MICRF007
QwikRadio™ Low-Power UHF Receiver
Preliminary Information
Typical Application
SEL0
VSS
REFOSC
ANT
CAGC
VDDRF
SHUT
CTH
DO
0.047
µF
Data
Output
MICRF007
4.7
µF
+5V
315MHz 1200b/s On-Off Keyed Receiver
Features
• Complete UHF receiver on a monolithic chip
• 300MHz
• Data Rates up to 2.1kbps
• Automatic tuning, no manual adjustment
• Low Power Consumption
315MHz:
1.7 mA fully operational
0.5
µA shutdown
170
µA polled
433.92MHz:
3.0mA fully operational
0.5
µA shutdown
300
µA in 10:1 polled operation
• Very low RF re-radiation at the antenna
• CMOS logic interface to standard decoder and micro-
processor ICs
• Extremely low external part count
• No filters or inductors required
Applications
• Automotive Remote Keyless Entry (RKE)
• Long Range RF Identification
• Remote fan and light control
• Garage door and gate openers
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
QwikRadio is a trademark of Micrel, Inc.
General Description
The MICRF007 is a single chip ASK/OOK (ON-OFF Keyed)
Receiver IC for remote wireless applications, employing
Micrel’s latest QwikRadiotm technology. This device is a true
“antenna-in to data-out” monolithic device. All RF and IF
tuning is accomplished automatically within the IC which
eliminates manual tuning, and reduces production costs.
The result is a highly reliable yet extremely low cost solution.
The MICRF007 is an enhanced version of the MICRF002 and
MICRF011.
The MICRF007 is a conventional superhetrodyne receiver,
with an (internal) Local oscillator fixed at a single frequency
based on an external reference crystal or clock. As with any
conventional superhetrodyne reciever, the
transmit frequency
must be accurately controlled, generally with a crystal or
SAW (Surface Acoustic Wave) resonator.
The MICRF007 provides two feature enhancements over the
MICRF001/011, (1) a Shutdown Mode, which may be used
for duty-cycle operation. (2) Reduced current consumption.
The MICRF007 requires a mere 1.7mA at 315MHz (3.0mA at
433.92MHz).These features make the MICRF007 ideal for
low and ultra-low power applications, such as RKE and RFID.
All post-detection (demodulator) data filtering is provided on
the MICRF007, so no external baseband filters are required.
The demodulator filter bandwidth is set to 2.1kHz. Data rates
up to 2kbps may be used


Similar Part No. - MICRF007

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF007BM MICREL-MICRF007BM Datasheet
775Kb / 13P
QwikRadio짰 Low-Power UHF Receiver
MICRF007 MICREL-MICRF007_04 Datasheet
775Kb / 13P
QwikRadio짰 Low-Power UHF Receiver
More results

Similar Description - MICRF007

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF004 MICREL-MICRF004 Datasheet
94Kb / 16P
QwikRadio??Low-Power VHF Receiver Advance Information
MICRF102 MICREL-MICRF102 Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
MICRF008 MICREL-MICRF008 Datasheet
115Kb / 12P
QwikRadio??Sweep-Mode Receiver
MICRF103 MICREL-MICRF103 Datasheet
41Kb / 7P
QwikRadio UHF ASK Transmitter
MICRF104 MICREL-MICRF104 Datasheet
45Kb / 10P
1.8V, QwikRadio??UHF ASK Transmitter
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
MICRF008 MICREL-MICRF008_11 Datasheet
208Kb / 13P
QwikRadio Sweep-Mode Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
3.3V, QwikRadio 315MHz Receiver
MICRF102 MICREL-MICRF102_06 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com