Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF004 Datasheet (PDF) - Micrel Semiconductor

MICRF004 Datasheet PDF - Micrel Semiconductor
Part # MICRF004
Download  MICRF004 Download
File Size   94.24 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadio??Low-Power VHF Receiver Advance Information

MICRF004 Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF004 Datasheet PDF - Micrel Semiconductor

Part # MICRF004
Download  MICRF004 Click to download

File Size   94.24 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadio??Low-Power VHF Receiver Advance Information

MICRF004 Datasheet (HTML) - Micrel Semiconductor


MICRF004 Product details

General Description
The MICRF004 QwikRadio™ VHF receiver is a single-chip OOK (on-off keyed) receiver IC for remote wireless applications. This device is a true single-chip, “antenna-in, data-out” device. All RF and IF tuning is accomplished automatically within the IC which eliminates manual tuning production costs and results in a highly reliable, extremely low-cost solution for high-volume wireless applications.

Features
• Complete VHF receiver on a monolithic chip
• 140MHz to 200MHz frequency range
• >200 meters typical range with monopole antenna
• 2.5kb/s sweep- and 10kb/s fixed-mode data rates
• Automatic tuning, no manual adjustment
• No filters or inductors required
• Low 240µA operating supply current at 150MHz (10:1 duty cycle)
• Shutdown mode for >100:1 duty-cycle operation
• Wakeup for enabling decoders and microprocessors
• Very low RF antenna reradiation
• CMOS logic interface for standard ICs
• Extremely low external part count

Applications
• Automotive remote keyless entry
• Long range RF identification
• Remote fan and light control
• Garage door and gate openers




Similar Part No. - MICRF004

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BM MICREL-MICRF001BM Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BN MICREL-MICRF001BN Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002 MICREL-MICRF002 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
More results


Similar Description - MICRF004

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Micrel Semiconductor
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
logo
Micrel Semiconductor
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
logo
Motorola, Inc
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com