Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF004 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF004
Description  QwikRadio??Low-Power VHF Receiver Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF004 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF004 Datasheet HTML 1Page - Micrel Semiconductor MICRF004 Datasheet HTML 2Page - Micrel Semiconductor MICRF004 Datasheet HTML 3Page - Micrel Semiconductor MICRF004 Datasheet HTML 4Page - Micrel Semiconductor MICRF004 Datasheet HTML 5Page - Micrel Semiconductor MICRF004 Datasheet HTML 6Page - Micrel Semiconductor MICRF004 Datasheet HTML 7Page - Micrel Semiconductor MICRF004 Datasheet HTML 8Page - Micrel Semiconductor MICRF004 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
February 9, 2000
1
MICRF004/RF044
MICRF004/RF044
Micrel
MICRF004
QwikRadio™ Low-Power VHF Receiver
Advance Information
Typical Application
SEL0
SEL0
SWEN
VSSRF
REFOSC
VSSRF
SEL1
ANT
CAGC
VDDRF
WAKEB
VDDBB
SHUT
CTH
DO
NC
VSSBB
0.047µF
4.85MHz
(ceramic resonator)
Data
Output
MICRF004
4.7µF
+5V
150MHz 1200b/s On-Off Keyed Receiver
Features
• Complete VHF receiver on a monolithic chip
• 140MHz to 200MHz frequency range
• >200 meters typical range with monopole antenna
• 2.5kb/s sweep- and 10kb/s fixed-mode data rates
• Automatic tuning, no manual adjustment
• No filters or inductors required
• Low 240
µA operating supply current at 150MHz
(10:1 duty cycle)
• Shutdown mode for >100:1 duty-cycle operation
• Wakeup for enabling decoders and microprocessors
• Very low RF antenna reradiation
• CMOS logic interface for standard ICs
• Extremely low external part count
Applications
• Automotive remote keyless entry
• Long range RF identification
• Remote fan and light control
• Garage door and gate openers
Ordering Information
Part Number
Junction Temp. Range
Package
MICRF004BM
–40
°C to +85°C
16-Lead SOP
MICRF004BN
–40
°C to +85°C
16-Pin DIP
8-pin versions available. See “Custom 8-Pin Options,” following page.
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
QwikRadio is a trademark of Micrel, Inc.
General Description
The MICRF004 QwikRadio™ VHF receiver is a single-chip
OOK (on-off keyed) receiver IC for remote wireless applica-
tions. This device is a true single-chip, “antenna-in, data-out”
device. All RF and IF tuning is accomplished automatically
within the IC which eliminates manual tuning production
costs and results in a highly reliable, extremely low-cost
solution for high-volume wireless applications.
The MICRF004 is extremely easy to apply, minimizing design
and production costs, and improving time to market. The
MICRF004 provides two fundamental modes of operation,
fixed and sweep.
In fixed mode, the device functions as a conventional super-
heterodyne receiver with an internal local oscillator operating
at a single frequency based on an external reference crystal
or clock. Fixed mode is for use with accurately-controlled
transmitters utilizing crystal or SAW (surface acoustic wave)
resonators.
In sweep mode, the MICRF004 sweeps the internal local
oscillator at rates greater than the baseband data rate. This
effectively broadens the RF bandwidth of the receiver to a
value equivalent to conventional superregenerative receiv-
ers. This allows the MICRF004 to operate with less expensive
LC transmitters without additional components or tuning,
even though the receiver topology is still superheterodyne. In
this mode the reference crystal can be replaced with a less
expensive
±0.5% ceramic resonator.
The MICRF004 features a shutdown control, which may be
used for duty-cycled operation, and a wake-up output, which
provides a logical indication of an incoming RF signal. These
features make the MICRF004 ideal for low- and ultra-low-
power applications, such as RKE (remote keyless entry) and
RFID (RF identification).
Since all post-detection (demodulator) data filtering is pro-
vided on the MICRF004, no external filters are required. One
of the four internal filter bandwidths must be externally
selected based on data rate and code modulation format.
Bandwidths range in binary steps, from 0.55kHz to 4.4kHz
(sweep mode) or 1.1kHz to 8.8kHz (fixed mode).


Similar Part No. - MICRF004

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BM MICREL-MICRF001BM Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF001BN MICREL-MICRF001BN Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF002 MICREL-MICRF002 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
More results

Similar Description - MICRF004

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
ADVANCE INFORMATION
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
logo
Zarlink Semiconductor I...
SP8602 ZARLINK-SP8602 Datasheet
320Kb / 7P
ADVANCE INFORMATION
logo
Micrel Semiconductor
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
Advance Information
logo
Micrel Semiconductor
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
logo
Motorola, Inc
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
ADVANCE INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com