Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet (PDF) - Micrel Semiconductor

MICRF002 Datasheet PDF - Micrel Semiconductor
Part # MICRF002
Download  MICRF002 Download
File Size   188.22 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadiotm Low Power UHF Receiver Preliminary Information

MICRF002 Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF002 Datasheet PDF - Micrel Semiconductor

Part # MICRF002
Download  MICRF002 Click to download

File Size   188.22 Kbytes
Page   13 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadiotm Low Power UHF Receiver Preliminary Information

MICRF002 Datasheet (HTML) - Micrel Semiconductor


MICRF002 Product details

General Description

The MICRF002 is a single chip ASK/OOK (ON-OFF Keyed) RF receiver IC. This device is a true “antenna-in to data-out” monolithic device. All RF and IF tuning is accomplished automatically within the IC which eliminates manual tuning and reduces production costs. The result is a highly reliable yet low cost solution. The MICRF002 is a fully featured part in 16-pin packaging, the MICRF022 is the same part packaged in 8-pin packaging with a reduced feature set (see “Ordering Information” for more information).



Features

• 300MHz to 440MHz frequency range

• Data-rate up to 10kbps (fixed-mode)

• Low Power Consumption

• 2.2mA fully operational (315MHz)

• 0.9µA in shutdown

• 220µA in polled operation (10:1 duty-cycle)

• Wake-up output flag to enable decoders and microprocessors

• Very low RF re-radiation at the antenna

• Highly integrated with extremely low external part count



Applications

• Automotive remote keyless entry (RKE)

• Remote controls

• Remote fan and light control

• Garage door and gate openers




Similar Part No. - MICRF002

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
MICRF002 MICREL-MICRF002 Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
MICRF002BM MICREL-MICRF002BM Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
MICRF002YM MICREL-MICRF002YM Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
MICRF002 MICREL-MICRF002_03 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
More results


Similar Description - MICRF002

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
670Kb / 2P
PointCharger??GPS Receiver IC Preliminary Information
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF003 MICREL-MICRF003 Datasheet
216Kb / 16P
QwikRadiotm 900 MHz UHF Receiver Preliminary Information
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
Micrel Semiconductor
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
logo
Semtech Corporation
SX1239 SEMTECH-SX1239 Datasheet
884Kb / 73P
Low Power Integrated UHF Receiver
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
Micrel Semiconductor
MICRF007 MICREL-MICRF007_04 Datasheet
775Kb / 13P
QwikRadio짰 Low-Power UHF Receiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com