Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF002
Description  QwikRadiotm Low Power UHF Receiver Preliminary Information
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF002 Datasheet HTML 1Page - Micrel Semiconductor MICRF002 Datasheet HTML 2Page - Micrel Semiconductor MICRF002 Datasheet HTML 3Page - Micrel Semiconductor MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Micrel Inc.
• 1849 Fortune Drive San Jose, Ca 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
MICRF002 / 022
QwikRadio
tm Low Power UHF Receiver
Preliminary Information
General Description
The MICRF002, an enhanced version of the MICRF001 and MICRF011,
is a single chip OOK (ON-OFF Keyed) Receiver IC for remote wireless
applications, employing Micrel’s latest QwikRadio
tm technology. This
device is a true “antenna-in, data-out” monolithic device. All RF and IF
tuning is accomplished automatically within the IC, which eliminates
manual tuning and reduces production costs. Receiver functions are
completely integrated. The result is a highly reliable yet extremely low
cost solution for high volume wireless applications.
Because the
MICRF002 is a true single-chip radio receiver, it is extremely easy to
apply, minimizing design and production costs, and improving time to
market.
The MICRF002 provides two fundamental modes of operation, FIXED
and SWP.
In FIXED mode, the device functions like a conventional
superheterodyne receiver, with an (internal) local oscillator fixed at a
single frequency based on an external reference crystal or clock. As with
any conventional superheterodyne receiver, the transmit frequency must
be accurately controlled, generally with a crystal or SAW (Surface
Acoustic Wave) resonator.
In SWP mode, the MICRF002 sweeps the (internal) local oscillator at
rates greater than the baseband data rate. This effectively “broadens”
the RF bandwidth of the receiver to a value equivalent to conventional
super-regenerative receivers. Thus the MICRF002 can operate with less
expensive LC transmitters without additional components or tuning, even
though the receiver topology is still superheterodyne. In this mode the
reference crystal can be replaced with a less expensive
± 0.5% ceramic
resonator.
The
MICRF002
provides
two
feature
enhancements
over
the
MICRF001/011, (1) a Shutdown Mode, which may be used for duty-
cycle operation, and (2) a “Wakeup” function, which provides a logical
indication of an incoming RF signal.
These features make the
MICRF002 ideal for low and ultra-low power applications, such as RKE
and RFID.
All post-detection (demodulator) data filtering is provided on the
MICRF002, so no external filters need to be designed. Any one of four
filter bandwidths may be selected externally by the user. Bandwidths
range in binary steps, from 0.625kHz to 5kHz (SWP mode) or 1.25kHz to
10kHz (FIXED mode). The user only needs to program the appropriate
filter selection based on data rate and code modulation format.
Features
• Complete UHF receiver on a monolithic chip
• Frequency range 300 to 440 MHz
• Typical range over 200 meters with monopole
antenna
• Data rates to 2.5kbps (SWP), 10kbps (FIXED)
• Automatic tuning, no manual adjustment
• No Filters or Inductors required
• Low Operating Supply Current—240 µA at 315MHz
(10:1 Duty Cycle)
• Shutdown Mode for Duty-Cycle Operation in excess
of 100:1
• Wakeup Function to Enable External Decoders and
Microprocessors
• Very low RF re-radiation at the antenna
• CMOS logic interface to standard decoder and
microprocessor ICs
• Extremely low external part count
Applications
• Automotive Remote Keyless Entry
• Long Range RFID
• Remote Fan/Light Control
• Garage Door/Gate Openers
Typical Operating Circuit
385.5 MHz, 1200 bps OOK RECEIVER


Similar Part No. - MICRF002

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
MICRF002 MICREL-MICRF002 Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
MICRF002BM MICREL-MICRF002BM Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
MICRF002YM MICREL-MICRF002YM Datasheet
377Kb / 17P
300-440MHz QwikRadio짰 ASK Receiver
MICRF002 MICREL-MICRF002_03 Datasheet
180Kb / 16P
300-440MHz QwikRadio?줐SK Receiver
More results

Similar Description - MICRF002

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
670Kb / 2P
PointCharger??GPS Receiver IC Preliminary Information
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF003 MICREL-MICRF003 Datasheet
216Kb / 16P
QwikRadiotm 900 MHz UHF Receiver Preliminary Information
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
QwikRadiotm Receiver/Data Demodulator Preliminary Information
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
QwikRadio Low-Power UHF Receiver
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
Micrel Semiconductor
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
logo
Semtech Corporation
SX1239 SEMTECH-SX1239 Datasheet
884Kb / 73P
Low Power Integrated UHF Receiver
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
logo
Micrel Semiconductor
MICRF007 MICREL-MICRF007_04 Datasheet
775Kb / 13P
QwikRadio짰 Low-Power UHF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com