Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MICRF002
Description  QwikRadiotm Low Power UHF Receiver Preliminary Information
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor MICRF002 Datasheet HTML 12Page - Micrel Semiconductor MICRF002 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
QwikRadio
tm
10
July 1999
MICRF002
MICRF002
Micrel
1. Selecting REFOSC Frequency ft (FIXED Mode)
As with any superheterodyne receiver, the difference
between the (internal) Local Oscillator (LO) frequency flo
and the incoming Transmit frequency ftx must ideally equal
the IF Center frequency.
Equation (1) may be used to
compute the appropriate flo for a given ftx:
flo = ftx
± 1.064 * (ftx / 390)
(1)
where ftx and flo are in MHz. Note that two values of flo
exist for any given ftx, distinguished as “high-side mixing”
and “low-side mixing”, and there is generally no preference
of one over the other.
After choosing one of the two acceptable values of flo, use
equation (2) to compute the REFOSC frequency ft:
ft = flo / 64.5.
(2)
Here ft is in MHz. Connect a crystal of frequency ft to the
REFOSC pin of the MICRF002. 4 decimal-place accuracy
on the frequency is generally adequate. The following table
identifies ft for some common Transmit frequencies when
the MICRF002 is operated in FIXED mode.
Transmit Freq. ftx (MHz)
REFOSC Freq. ft (MHz)
315
418
433.92
4.8970
6.4983
6.7458
2.
Selecting REFOSC Frequency ft (SWP Mode)
Selection of REFOSC frequency ft in SWP mode is much
simpler than in FIXED mode, due to the LO sweeping
process. Further, accuracy requirements of the frequency
reference component are significantly relaxed.
In SWP mode, ft is given by equation (3):
ft = ftx / 64.25.
(3)
Connect a ceramic resonator of frequency ft to the REFOSC
pin of the MICRF002. 2-decimal place accuracy is generally
adequate. (A crystal may also be used if desired, but may
be necessary to reduce the Rx frequency ambiguity if the Tx
frequency ambiguity is excessive.
See Application Note
TBD for further details.)
3. Selecting Capacitor CTH
First step in the process is selection of a Data Slicing Level
timeconstant.
This selection is strongly dependent on
system issues, like system decode response time and data
code structure (e.g., existence of data preamble, etc.). This
issue is too broad to discuss here, and the interested reader
should consult the Application Note 22.
Source impedance of the CTH pin is given by equation (4),
where ft is in MHz:
Rsc = 118k
Ω * (4.90 / ft).
(4)
Assuming that a Slicing Level Timeconstant TC has been
established,
capacitor
CTH
may
be
computed
using
equation (5):
CTH = TC / Rsc.
(5)
4. Selecting CAGC Capacitor in Continuous Mode
Selection of CAGC is dictated by minimizing the ripple on
the AGC control voltage, by using a sufficiently large
capacitor. It is Micrel’s experience that CAGC should be in
the vicinity of 0.47
µF to 4.7µF. Large capacitor values
should be carefully considered, as this determines the time
required for the AGC control voltage to settle from a
completely discharged condition. AGC settling time from a
completely discharged (0-volt) state is given approximately
by equation (6):
∆T = (1.333 * CAGC) – 0.44
(6)
where CAGC is in microfarads, and
∆T is in seconds.
5. Selecting CAGC Capacitor in Duty-Cycle Mode
Generally, droop of the AGC control voltage during
shutdown should be replenished as quickly as possible after
the IC is “turned-on”.
Recall from the section “AGC
Function and the CAGC Capacitor” that for about 10msec
after the IC is turned-on, the AGC push-pull currents are
increased to 45X their normal values.
So consideration
should be given to selecting a value for CAGC and a
shutdown
time
period
such
that
the
droop
can
be
replenished within this 10msec period.
Polarity of the droop is unknown, meaning the AGC voltage
could droop up or down.
Worst-case from a recovery
standpoint is downward droop, since the AGC pullup current
is 1/10
th magnitude of the pulldown current. The downward
droop is replenished according to the well-known equation
(7):
I / CAGC =
∆V / ∆T
(7)
where I = AGC Pullup current for initial 10msec (67.5
µA),
CAGC is the AGC capacitor value,
∆T = Droop recovery time
(<10msec), and
∆V is the droop voltage.
For example, if user desires
∆T = 10msec, and chooses a
4.7
µF CAGC, then the allowable droop is about 144mV.
Using the same equation with 200nA worst case pin leakage
and assuming 1uA of capacitor leakage in the same
direction, the maximum allowable
∆T (Shutdown time) is
about 0.56 seconds, for droop recovery in 10msec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com