Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF002
Description  QwikRadiotm Low Power UHF Receiver Preliminary Information
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF002 Datasheet HTML 1Page - Micrel Semiconductor MICRF002 Datasheet HTML 2Page - Micrel Semiconductor MICRF002 Datasheet HTML 3Page - Micrel Semiconductor MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
QwikRadio
tm
3
July 1999
MICRF002
MICRF002
Micrel
Pin Description (Pin numbers for the 8-pin version are identified in parentheses)
Pin Number
Pin Name
Pin Function
1
SEL0
This pin, in conjunction with SEL1, programs the desired Demodulator Filter Bandwidth. This pin is
internally pulled-up to VDD. See Table 1.
2/3
VSSRF
This pin is the ground return for the RF section of the IC. The bypass capacitor connected from VDDRF to
VSSRF should have the shortest possible lead length. For best performance, connect VSSRF to VSSBB
at the power supply only (i.e., keep VSSBB currents from flowing through VSSRF return path).
(1)
VSS
This pin is the ground return for the IC. The bypass capacitor connected from VDD to VSS should have
the shortest possible lead length.
4
(2)
ANT
This is the receive RF input, internally ac-coupled. Connect this pin to the receive antenna. Input
impedance is high (FET gate) with approximately 2pF of shunt (parasitic) capacitance. For applications
located in high ambient noise environments, a fixed value band-pass network may be connected between
the ANT pin and VSSRF to provide additional receive selectivity and input overload protection. (See
“Application Note TBD”.)
5
VDDRF
This pin is the positive supply input for the RF section of the IC. VDDBB and VDDRF should be connected
directly at the IC pins. Connect a low ESL, low ESR decoupling capacitor from this pin to VSSRF, as short
as possible.
6
VDDBB
This pin is the positive supply input for the baseband section of the IC. VDDBB and VDDRF should be
connected directly at the IC pins.
(3)
VDD
This pin is the positive supply input for the IC. Connect a low ESL, low ESR decoupling capacitor from this
pin to VSSRF, as short as possible.
7
(4)
CTH
This capacitor extracts the (DC) average value from the demodulated waveform, which becomes the
reference for the internal data slicing comparator. Treat this as a low-pass RC filter with source impedance
of 118k
Ω (for REFOSC frequency ft = 4.90MHz, see Note 5). A standard ± 20% X7R ceramic capacitor is
generally sufficient.
8
N/C
Unused Pin
9
VSSBB
This is the ground return for the baseband section of the IC. The bypass and output capacitors connected
to VSSBB should have the shortest possible lead lengths. For best performance, connect VSSRF to
VSSBB at the power supply only (i.e., keep VSSBB currents from flowing through VSSRF return path).
10
(5)
DO
The output data signal. CMOS level compatible.
11
(6)
SHUT
A logic input for Shutdown Mode control. Pull this pin low to place the IC into operation. This pin in
internally pulled-up to VDD.
12
WAKEB
An output signal, active low when the IC detects an incoming RF signal, determined by monitoring for data
preamble. CMOS level compatible.
13
(7)
CAGC
Integrating capacitor for on-chip AGC (Automatic Gain Control). The Decay/Attack time-constant (TC) ratio
is nominally set as 10:1. Use of 0.47uF or greater is strongly recommended for best range performance.
Use low-leakage type capacitors for duty-cycle operation (Dip Tantalum, Ceramic, Polyester). (See
“Application Note TBD.)
14
SEL1
This pin, in conjunction with SEL0, programs the desired Demodulator Filter Bandwidth. This pin in
internally pulled-up to VDD. See Table 1.
15
(8)
REFOSC
This is the timing reference for on-chip tuning and alignment. Connect either a ceramic resonator or crystal
(mode dependent) between this pin and VSSBB, or drive the input with an AC coupled 0.5Vpp input clock.
Use ceramic resonators without integral capacitors. Note that if operating in FIXED mode, a crystal must
be used; however in SWP mode, one may use either a crystal or ceramic resonator. See “Application Note
TBD” for details on frequency selection and accuracy.
16
SWEN
This logic pin controls the operating mode of the MICRF002. When SWEN = HIGH, the MICRF002 is in
SWP mode. When SWEN = LOW, the device operates as a conventional single-conversion
superheterodyne receiver. (See “Application Note TBD” for details.) This pin is internally pulled-up to VDD.
SEL0
SEL1
Demodulator Bandwidth (Hz)
SWP Mode
FIXED Mode
1
1
5000
10000
0
1
2500
5000
1
0
1250
2500
0
0
625
1250
Table 1
Nominal Demodulator (Baseband) Filter Bandwidth
vs. SEL0, SEL1 and Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com