Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF002
Description  QwikRadiotm Low Power UHF Receiver Preliminary Information
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor MICRF002 Datasheet HTML 12Page - Micrel Semiconductor MICRF002 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
QwikRadio
tm
13
July 1999
MICRF002
MICRF002
Micrel
MICREL INC. 1849 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 944-0970 WEB http://www.micrel.com
This information is believed to be accurate and reliable, however no responsibility is assumed by Micrel for its use nor for any infringement of patents or other rights
of third parties resulting from its use.
No license is granted by implication or otherwise under any patent or patent right of Micrel Inc.
This is preliminary
information and a final specification has not been completed. Before making any final design determination, consult with Micrel for final specifications.
©1998 Micrel Incorporated
Typical Application
Figure 7 below illustrates a typical application for the MICRF002 UHF Receiver IC. Operation in this example is at 385.5MHz,
and may be customized by selection of the appropriate reference frequency (CR1), and adjustment of the antenna length.
The value of C4 would also change, if the optional input filter is used. Changes from the 1kbps data rate may require a
change in the value of R1. The Bill of Materials is shown in the accompanying chart.
Bill of Materials
Item
Part Number
Manufacturer
Description
U1
MICRF002
Micrel
UHF Receiver
U2
HT-12D
Holtek
Logic decoder
CR1
CSA6.00MG
Murata
6.00MHz Cer. Res.
D1
SSF-LX100LID
Lumex
Red LED
R1
Bourns
68k, 1/4W ,5%
R2
Bourns
1k,1/4W, 5%
C1
Panasonic
4.7µF, Dip Tant. Cap
C3
Panasonic
0.47µF, Dip Tant. Cap
C2
Panasonic
2.2µF, Dip Tant. Cap
C4
Panasonic
8.2pF, COG Cer. Cap
Vendor
Telephone
Fax
Bourns
(909) 781-5500
(909) 781-5273
Holtek
(408) 894-9046
(408) 894-0838
Lumex
(800) 278-5666
(847) 359-8904
Murata
(800) 241-6574
(770) 436-3030
Panasonic
(201) 348-7000
(201) 348-8164
Figure 7
385.5MHz, 1kbps OOK Receiver/Decoder
SWP Mode, Continuous Operation
6-Bit Address Decode/2 OP Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com