Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF011 Datasheet (PDF) - Micrel Semiconductor

MICRF011 Datasheet PDF - Micrel Semiconductor
Part # MICRF011
Download  MICRF011 Download
File Size   147.82 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadiotm Receiver/Data Demodulator Preliminary Information

MICRF011 Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF011 Datasheet PDF - Micrel Semiconductor

Part # MICRF011
Download  MICRF011 Click to download

File Size   147.82 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadiotm Receiver/Data Demodulator Preliminary Information

MICRF011 Datasheet (HTML) - Micrel Semiconductor


MICRF011 Product details

General Description
The MICRF011, an enhanced version of the MICRF001, is a single chip OOK (ON-OFF Keyed) Receiver IC for remote wireless applications, employing Micrel’s latest QwikRadiotm technology. This device is a true “antenna-in, data-out” monolithic device. All RF and IF tuning is accomplished automatically within the IC, which eliminates manual tuning and reduces production costs. Receiver functions are completely integrated. The result is a highly reliable yet extremely low cost solution for high volume wireless applications. Because the MICRF011 is a true single-chip radio receiver, it is extremely easy to apply, minimizing design and production costs, and improving time to market.

Features
• Complete UHF receiver on a monolithic chip
• Frequency range 300 to 440 MHz
• Typical range over 200 meters with monopole antenna
• Data rates to 2.5kbps (SWP), 10kbps (FIXED)
• Automatic tuning, no manual adjustment
• No Filters or Inductors required
• Low Operating Supply Current—2.4 mA at 315MHz
• Fully pin compatible with MICRF001
• Very low RF re-radiation at the antenna
• Direct CMOS logic interface to standard decoder and microprocessor ICs
• Extremely low external part count

Applications
• Garage Door/Gate Openers
• Security Systems
• Remote Fan/Light Control




Similar Part No. - MICRF011

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
MICRF010BM MICREL-MICRF010BM Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
MICRF010YM MICREL-MICRF010YM Datasheet
364Kb / 14P
QwikRadio Low-Power UHF Receiver
More results


Similar Description - MICRF011

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4100L SIGE-SE4100L Datasheet
670Kb / 2P
PointCharger??GPS Receiver IC Preliminary Information
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF002 MICREL-MICRF002 Datasheet
188Kb / 13P
QwikRadiotm Low Power UHF Receiver Preliminary Information
MICRF003 MICREL-MICRF003 Datasheet
216Kb / 16P
QwikRadiotm 900 MHz UHF Receiver Preliminary Information
logo
Mitel Networks Corporat...
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
Data Access Arrangement Preliminary Information
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
Data Access Arrangement Preliminary Information
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
PRELIMINARY INFORMATION
logo
Mitel Networks Corporat...
SL1466 MITEL-SL1466 Datasheet
175Kb / 16P
Wideband PLL FM Demodulator Preliminary Information
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
PRELIMINARY INFORMATION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com