Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF011 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF011
Description  QwikRadiotm Receiver/Data Demodulator Preliminary Information
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF011 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF011 Datasheet HTML 1Page - Micrel Semiconductor MICRF011 Datasheet HTML 2Page - Micrel Semiconductor MICRF011 Datasheet HTML 3Page - Micrel Semiconductor MICRF011 Datasheet HTML 4Page - Micrel Semiconductor MICRF011 Datasheet HTML 5Page - Micrel Semiconductor MICRF011 Datasheet HTML 6Page - Micrel Semiconductor MICRF011 Datasheet HTML 7Page - Micrel Semiconductor MICRF011 Datasheet HTML 8Page - Micrel Semiconductor MICRF011 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QwikRadio
tm
2
December 1998b
MICRF011
MICRF011
Micrel
Ordering Information
Part Number
Temperature Range
Package
MICRF011BN
-40
°C to +85°C
14-Pin DIP
MICRF011BM
-40
°C to +85°C
14-Pin SOIC
Pin Configuration (DIP and SOIC)
Pin Description
Pin Number
Pin Name
Pin Function
1
SEL0
Programs desired Demodulator Filter Bandwidth. This pin in internally pulled-up to VDD. See Table 1.
2/3
VSSRF
This pin is the ground return for the RF section of the IC. The bypass capacitor connected from VDDRF to
VSSRF should have the shortest possible lead length. For best performance, connect VSSRF to VSSBB
at the power supply only (i.e., keep VSSBB currents from flowing through VSSRF return path).
4
ANT
This is the receive RF input, internally ac-coupled. Connect this pin to the receive antenna. Input
impedance is high (FET gate) with approximately 2pF of shunt (parasitic) capacitance. For applications
located in high ambient noise environments, a fixed value band-pass network may be connected between
the ANT pin and VSSRF to provide additional receive selectivity and input overload protection. (See
“Application Note 22, MICRF001 Theory of Operation”.)
5
VDDRF
This pin is the positive supply input for the RF section of the IC. VDDBB and VDDRF should be connected
directly at the IC pins. Connect a low ESL, low ESR decoupling capacitor from this pin to VSSRF, as short
as possible.
6
VDDBB
This pin is the positive supply input for the baseband section of the IC. VDDBB and VDDRF should be
connected directly at the IC pins.
7
CTH
This capacitor extracts the (DC) average value from the demodulated waveform, which becomes the
reference for the internal data slicing comparator. Treat this as a low-pass RC filter with source impedance
of 118kohms (for REFOSC frequency ft=4.90MHz). Note that variation in source resistance with filter
selection no longer exists, as it does for the MICRF001. (See “Application Note 22, MICRF001 Theory
of Operation”, section 6.4). A standard
± 20% X7R ceramic capacitor is generally sufficient.
8
DO
Output data pin. CMOS level compatible.
9/10
VSSBB
This is the ground return for the baseband section of the IC. The bypass and output capacitors connected
to VSSBB should have the shortest possible lead lengths. For best performance, connect VSSRF to
VSSBB at the power supply only (i.e., keep VSSBB currents from flowing through VSSRF return path).
11
CAGC
Integrating capacitor for on-chip receive AGC (Automatic Gain Control). The Decay/Attack time-constant
(TC) ratio is nominally set as 10:1. Use of 0.47
µF or greater is strongly recommended for best range
performance. See “Application Note 22, MICRF001 Theory of Operation” for further information.
12
SEL1
Programs desired Demodulator Filter Bandwidth. This pin in internally pulled-up to VDD. See Table 1.
13
REFOSC
This is the timing reference for on-chip tuning and alignment. Connect either a ceramic resonator or crystal
(mode dependent) between this pin and VSSBB, or drive the input with an AC coupled 0.5Vpp input clock.
Use ceramic resonators without integral capacitors.
Note that if operated in FIXED mode, a crystal must be used; however in SWP mode, one may use either a
crystal or ceramic resonator. See “Application Note 22, MICRF001 Theory of Operation” for details on
frequency selection and accuracy.
14
SWEN
This logic pin controls the operating mode of the MICRF011. When SWEN = HIGH, the MICRF011 is in
SWP mode. This is the normal (default) mode of the device. When SWEN = LOW, the device operates
as a conventional single-conversion superheterodyne receiver. (See “Application Note 22, MICRF001
Theory of Operation” for details.) This pin is internally pulled-up to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com