Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF004 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MICRF004
Description  QwikRadio??Low-Power VHF Receiver Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF004 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MICRF004 Datasheet HTML 8Page - Micrel Semiconductor MICRF004 Datasheet HTML 9Page - Micrel Semiconductor MICRF004 Datasheet HTML 10Page - Micrel Semiconductor MICRF004 Datasheet HTML 11Page - Micrel Semiconductor MICRF004 Datasheet HTML 12Page - Micrel Semiconductor MICRF004 Datasheet HTML 13Page - Micrel Semiconductor MICRF004 Datasheet HTML 14Page - Micrel Semiconductor MICRF004 Datasheet HTML 15Page - Micrel Semiconductor MICRF004 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MICRF004/RF044
Micrel
MICRF004
14
February 9, 2000
Package Information
45
°
0
°–8°
0.244 (6.20)
0.228 (5.79)
0.394 (10.00)
0.386 (9.80)
SEATING
PLANE
0.020 (0.51)
REF
0.020 (0.51)
0.013 (0.33)
0.157 (3.99)
0.150 (3.81)
0.050 (1.27)
0.016 (0.40)
0.0648 (1.646)
0.0434 (1.102)
0.050 (1.27)
BSC
PIN 1
DIMENSIONS:
INCHES (MM)
0.0098 (0.249)
0.0040 (0.102)
16-Lead SOP (M)
0.020
(0.508)
0.018
±0.003
(0.457
±0.076)
PIN 1
0.780
(19.812)
.250
±0.005
(6.350
±0.127)
0.025
±0.015
(0.635
±0.381)
0.100
±0.010
(2.540
±0.254)
MAX
0.030-0.110
(0.762-2.794)
RAD
0.125
(3.175)
MIN
0.020
(0.508)
MIN
0.130
±0.005
(3.302
±0.127)
+0.025
–0.015
+0.635
–0.381
0.325
8.255
()
0.009-0.015
(0.229-0.381)
0
°-10°
0.290-0.320
(7.336-8.128)
0.040
(1.016)
TYP
16-Pin DIP (N)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com