Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF004 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF004
Description  QwikRadio??Low-Power VHF Receiver Advance Information
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF004 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF004 Datasheet HTML 8Page - Micrel Semiconductor MICRF004 Datasheet HTML 9Page - Micrel Semiconductor MICRF004 Datasheet HTML 10Page - Micrel Semiconductor MICRF004 Datasheet HTML 11Page - Micrel Semiconductor MICRF004 Datasheet HTML 12Page - Micrel Semiconductor MICRF004 Datasheet HTML 13Page - Micrel Semiconductor MICRF004 Datasheet HTML 14Page - Micrel Semiconductor MICRF004 Datasheet HTML 15Page - Micrel Semiconductor MICRF004 Datasheet HTML 16Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MICRF004/RF044
Micrel
MICRF004
12
February 9, 2000
t
i
m
s
n
a
r
T
y
c
n
e
u
q
e
r
F
f
X
T
r
o
t
a
l
l
i
c
s
O
e
c
n
e
r
e
f
e
R
y
c
n
e
u
q
e
r
F
f
T
z
H
M
5
7
6
.
9
4
1z
H
M
8
1
3
6
.
4
z
H
M
5
2
2
.
4
8
1z
H
M
0
1
0
7
.
5
Table 2. Common Transmitter Frequencies
Selecting REFOSC Frequency f
T
(Sweep Mode)
Selection of the reference oscillator frequency f
T in sweep
mode is much simpler than in fixed mode due to the LO
sweeping process. Also, accuracy requirements of the fre-
quency reference component are significantly relaxed.
In sweep mode, f
T is given by Equation 3:
(3)
f
f
32.25
T
LO
=
Connect a ceramic resonator of frequency f
T to the REFOSC
pin on the MICRF004. Two-decimal-place accuracy is gener-
ally adequate. A crystal may be used. A crystal may be
mandatory in some cases to reduce receive frequency ambi-
guity if the transmit frequency ambiguity is excessive.
Use Equation 3a to compute sweep-mode frequency band
coverage (f
BC):
(3a)
f
0.5f
2f
f
BC
TIF
BW
=+
+
Example:
fMHz
TX = 170
f
5
MHz
T =
.27
f
170
150
0.86MHz
IF =
f
170
150
0.43MHz
BW =
then:
f
5.07MHz
BC =
centered symmetrically about 170MHz.
Selecting Capacitor C
TH
The first step in the process is selection of a data-slicing-level
time constant. This selection is strongly dependent on sys-
tem issues including system decode response time and data
code structure (that is, existence of data preamble, etc.). This
issue is covered in more detail in Application Note 22.
Source impedance of the CTH pin is given by equation (4),
where f
T is in MHz:
(4)
R
124k
4.65
f
SC
T
=Ω
Assuming that a slicing level time constant
τ has been
established, capacitor C
TH may be computed using equation
(5)
C
R
TH
SC
= τ
A standard
±20% X7R ceramic capacitor is generally suffi-
cient.
Selecting C
AGC Capacitor in Continuous Mode
Selection of C
AGC is dictated by minimizing the ripple on the
AGC control voltage by using a sufficiently large capacitor.
Factory experience suggests that C
AGC should be in the
vicinity of 0.47
µF to 4.7µF. Large capacitor values should be
carefully considered as this determines the time required for
the AGC control voltage to settle from a completely dis-
charged condition. AGC settling time from a completely
discharged (zero-volt) state is given approximately by Equa-
tion 6:
(6)
∆t 1.333C
0.44
AGC
=−
where:
C
AGC is in µF, and ∆t is in seconds.
Selecting CAGC Capacitor in Duty-Cycle Mode
Use of 0.47
µF or greater is strongly recommended for best
range performance. Use low-leakage type capacitors (dipped
tantalum, ceramic, or polyester)for duty-cycled operation to
minimize AGC control voltage droop.
Generally, droop of the AGC control voltage during shutdown
should be replenished as quickly as possible after the IC is
“turned-on”. As described in the functional description, for
about 10ms after the IC is turned on, the AGC push-pull
currents are increased to 45 times their normal values.
Consideration should be given to selecting a value for C
AGC
and a shutdown time period such that the droop can be
replenished within this 10ms period.
Polarity of the droop is unknown, meaning the AGC voltage
could droop up or down. Worst-case from a recovery stand-
point is downward droop, since the AGC pullup current is
1/10th magnitude of the pulldown current. The downward
droop is replenished according to the Equation 7:
(7)
I
C
V
t
AGC
= ∆
∆
where:
I = AGC pullup current for the initial 10ms (67.5
µA)
C
AGC = AGC capacitor value
∆t = droop recovery time
∆V = droop voltage
For example, if user desires
∆t = 10ms and chooses a 4.7µF
C
AGC, then the allowable droop is about 144mV. Using the
same equation with 200nA worst case pin leakage and
assuming 1
µA of capacitor leakage in the same direction, the
maximum allowable
∆t (shutdown time) is about 0.56s for
droop recovery in 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com