Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF103 Datasheet (PDF) - Micrel Semiconductor

MICRF103 Datasheet PDF - Micrel Semiconductor
Part # MICRF103
Download  MICRF103 Download
File Size   41.33 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadio UHF ASK Transmitter

MICRF103 Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF103 Datasheet PDF - Micrel Semiconductor

Part # MICRF103
Download  MICRF103 Click to download

File Size   41.33 Kbytes
Page   7 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description QwikRadio UHF ASK Transmitter

MICRF103 Datasheet (HTML) - Micrel Semiconductor


MICRF103 Product details

General Description

The MICRF103 is a single chip Transmitter IC for remote wireless applications. The device employs Micrel’s latest QwikRadio™ technology. This device is a true ”data-in, antenna-out” monolithic device. All antenna tuning is accomplished automatically within the IC which eliminates manual tuning, and reduces production costs.



Features

• Complete UHF transmitter on a monolithic chip

• Frequency range 800MHz to 1GHz

• Data rates to 115kbps

• Automatic antenna alignment, no manual adjustment

• Low external part count

• Low standby current <1µA



Applications

• Remote keyless entry systems (RKE)

• Remote fan/light control

• Garage door opener transmitters

• Remote sensor data links




Similar Part No. - MICRF103

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102 Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
MICRF102 MICREL-MICRF102 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
MICRF102BM MICREL-MICRF102BM Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
MICRF102BM MICREL-MICRF102BM Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
MICRF102YM MICREL-MICRF102YM Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
More results


Similar Description - MICRF103

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102 Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
logo
ATMEL Corporation
U2745B ATMEL-U2745B Datasheet
188Kb / 9P
UHF ASK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
UHF ASK/FSK TRANSMITTER
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
UHF ASK/FSK TRANSMITTER
logo
Micrel Semiconductor
MICRF104 MICREL-MICRF104 Datasheet
45Kb / 10P
1.8V, QwikRadio??UHF ASK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
UHF ASK/FSK Transmitter
ATA2745 ATMEL-ATA2745 Datasheet
237Kb / 10P
UHF ASK Transmitter
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102_06 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
logo
ATMEL Corporation
ATA2745M-TCQY ATMEL-ATA2745M-TCQY Datasheet
237Kb / 10P
UHF ASK Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com