Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF103 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF103
Description  QwikRadio UHF ASK Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF103 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF103 Datasheet HTML 1Page - Micrel Semiconductor MICRF103 Datasheet HTML 2Page - Micrel Semiconductor MICRF103 Datasheet HTML 3Page - Micrel Semiconductor MICRF103 Datasheet HTML 4Page - Micrel Semiconductor MICRF103 Datasheet HTML 5Page - Micrel Semiconductor MICRF103 Datasheet HTML 6Page - Micrel Semiconductor MICRF103 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
June 2002
3
MICRF103
MICRF103
Micrel
Electrical Characteristics
Specifications apply for 4.75V < V
DD < 5.5V, VPC = 0.35V, TA = 25°C, freqREFOSC = 13.5625MHz, STBY = VDD. Bold values indicate
–40
°C ≤ T
A ≤ 85°C unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
Power Supply
Standby Supply Current, I
Q
V
STBY < 0.5V
0.10
µA
MARK Supply Current, I
ON
@868MHz
19
26.5
mA
@915MHz
20
27.5
mA
SPACE Supply Current, I
OFF
@868MHz
14
18
mA
@915MHz
15
21
mA
MARK/SPACE Ratio
33%@868MHz
16
mA
33%@915MHz
17
mA
RF Output Section and Modulation Limits:
Maximum Power Level, P
OUT
@868MHz (EIRP)
-3
dBm
@915MHz (EIRP)
-3
dBm
Output Power Variation
over supply and temperature
±2
dBm
Extinction ratio for ASK
38
45
dBc
Varactor tuning range
Note 5
2.6
3.0
3.3
pF
Reference Oscillator Section
Reference Oscillator Input
300
k
Ω
Impedance
Reference Oscillator Source
5.0
µA
Current
Reference Oscillator Input
0.2
1.0
V
PP
Voltage (peak-to-peak)
Digital / Control Section
Calibration Time
note 7, ASK=HIGH
20
ms
Power Amplifier Output Hold-off
note 4, STDBY transition from LOW to HIGH
5
ms
Time from STBY
crystal, ESR < 20
Ω
Transmitter Stabilization Time
from external reference (500mVpp)
9
ms
From STBY
crystal, ESR < 20
Ω
12
ms
Maximum Data rate
- ASK modulation
duty cycle of the modulating signal = 50%
115
kbits/s
STBY HIGH
V
IH
enable voltage
0.8V
DD
V
STBY LOW
V
IL
0.1V
DD
ASK Pin
V
IH, input high voltage
0.8V
DD
V
V
IL, input low voltage
0.1V
DD
V
ASK Input Current
ASK = 0V, 5.0V input current
–10
0.1
10
µA
Absolute Maximum Ratings (Note 1)
Supply Voltage(V
DD) ..................................................... +6V
Voltage on I/O Pins ............................. V
SS–0.3 to VDD+0.3
Storage Temperature Range ................... -65
°C to + 150°C
Lead Temperature (soldering, 10 seconds) ........... + 300
°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
DD) .................................... 4.75V to 5.5V
Maximum Supply Ripple Voltage ............................... 10mV
PC Input Range ...................................... 0.1V < V
PC < 0.4V
Ambient Operating Temperature (T
A) ........ –40°C to +85°C
Programmable Transmitter Frequency Range:
........................................................ 800MHz to 1GHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com