Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF103 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF103
Description  QwikRadio UHF ASK Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF103 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF103 Datasheet HTML 1Page - Micrel Semiconductor MICRF103 Datasheet HTML 2Page - Micrel Semiconductor MICRF103 Datasheet HTML 3Page - Micrel Semiconductor MICRF103 Datasheet HTML 4Page - Micrel Semiconductor MICRF103 Datasheet HTML 5Page - Micrel Semiconductor MICRF103 Datasheet HTML 6Page - Micrel Semiconductor MICRF103 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MICRF103
Micrel
MICRF103
2
June 2002
Pin Description
Pin Number
Pin Name
Pin Function
1
PC
Power Control Input. The voltage at this pin should be set between 0.1V to
0.4V for normal operation.
2
VDD
Positive power supply input for the IC.
3
VSS
This pin is the ground return for the IC. A power supply bypass capacitor
connected from VDD to VSS should have the shortest possible path.
4
REFOSC
This is the timing reference frequency which is the transmit frequency
divided by 64. Connect a crystal (mode dependent) between this pin and
VSS, or drive the input with an AC coupled 0.5Vpp input clock. See
Refer-
ence Oscillator section in this data sheet under Electrical Characteristics.
5
STBY
Input for transmitter stand-by control pin is pulled to VDD for transmit
operation and VSS for stand-by mode.
6
ANTM
Negative RF power output to drive one side of the transmit antenna.
7
ANTP
Positive RF power output to drive the other side of the transmit antenna.
8
ASK
Amplitude Shift Key modulation data input pin. For CW operation, connect
this pin to VDD.
Pin Configuration
1
PC
VDD
VSS
REFOSC
8
ASK
ANTP
ANTM
STBY
7
6
5
2
3
4
MICRF103BM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com