Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF104 Datasheet (PDF) - Micrel Semiconductor

MICRF104 Datasheet PDF - Micrel Semiconductor
Part # MICRF104
Download  MICRF104 Download
File Size   45.4 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.8V, QwikRadio??UHF ASK Transmitter

MICRF104 Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF104 Datasheet PDF - Micrel Semiconductor

Part # MICRF104
Download  MICRF104 Click to download

File Size   45.4 Kbytes
Page   10 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 1.8V, QwikRadio??UHF ASK Transmitter

MICRF104 Datasheet (HTML) - Micrel Semiconductor


MICRF104 Product details

General Description
The MICRF104 is a low voltage Transmitter IC for remote wireless applications. The device employs Micrel’s latest QwikRadio™ technology. This device is a true “data-in, antenna-out” device. All antenna tuning is accomplished automatically within the IC which eliminates manual tuning, and reduces production costs. The result is a highly reliable yet extremely low cost solution for high volume wireless applications. The MICRF104 incorporates a DC/DC converter to boost the input voltage up to 5V for the RF portion of the IC. This feature enables the MICRF104 to operate off supply voltages as low as 1.8V and transmit at power in excess of –2dBm.

Features
• Complete UHF transmitter on a chip
• Frequency range 300MHz to 470MHz
• Data rates to 20kbps
• Automatic antenna alignment, no manual adjustment
• Low external part count

Applications
• Remote Keyless Entry Systems (RKE)
• Remote Fan/Light Control
• Garage Door Opener Transmitters
• Remote Sensor Data Links




Similar Part No. - MICRF104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102 Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
MICRF102 MICREL-MICRF102 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
MICRF102BM MICREL-MICRF102BM Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
MICRF102BM MICREL-MICRF102BM Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
MICRF102YM MICREL-MICRF102YM Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
More results


Similar Description - MICRF104

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102 Datasheet
61Kb / 12P
QwikRadio UHF ASK Transmitter
logo
ATMEL Corporation
U2745B ATMEL-U2745B Datasheet
188Kb / 9P
UHF ASK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
UHF ASK/FSK TRANSMITTER
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
UHF ASK/FSK TRANSMITTER
logo
Micrel Semiconductor
MICRF103 MICREL-MICRF103 Datasheet
41Kb / 7P
QwikRadio UHF ASK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
UHF ASK/FSK Transmitter
ATA2745 ATMEL-ATA2745 Datasheet
237Kb / 10P
UHF ASK Transmitter
logo
Micrel Semiconductor
MICRF102 MICREL-MICRF102_06 Datasheet
317Kb / 12P
QwikRadio??UHF ASK Transmitter
logo
ATMEL Corporation
ATA2745M-TCQY ATMEL-ATA2745M-TCQY Datasheet
237Kb / 10P
UHF ASK Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com