Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1502EVK Datasheet (PDF) - Semtech Corporation

SX1502EVK Datasheet PDF - Semtech Corporation
Part # SX1502EVK
Download  SX1502EVK Download
File Size   1141.13 Kbytes
Page   34 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 4/8/16 Channel Low Voltage GPIO

SX1502EVK Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1502EVK Datasheet PDF - Semtech Corporation

Part # SX1502EVK
Download  SX1502EVK Click to download

File Size   1141.13 Kbytes
Page   34 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 4/8/16 Channel Low Voltage GPIO

SX1502EVK Datasheet (HTML) - Semtech Corporation


SX1502EVK Product details

GENERAL DESCRIPTION
The SX1501, SX1502 and SX1503 are complete ultra low voltage General Purpose parallel Input/Output (GPIO) expanders ideal for low power handheld battery powered equipment. They allow easy serial expansion of I/O through a standard I2C interface. GPIO devices can provide additional control and monitoring when the microcontroller or chipset has insufficient I/O ports, or in systems where serial communication and control from a remote location is advantageous.

KEY PRODUCT FEATURES
• 4/8/16 channel of I/Os
    ◾ True bi-directional style I/O
    ◾ Programmable Pull-up/Pull-down
    ◾ Push/Pull outputs
• 1.2V to 5.5V independent operating voltage for all supply rails (VDDM, VCC1, VCC2)
• 5.5V compatible I/Os, up to 24mA output sink (no total sink current limit)
• Fully programmable logic functions (PLD)
• 400kHz 2-wire I2C compatible slave interface
• Open drain active low interrupt output (NINT)
    ◾ Bit maskable
    ◾ Programmable edge sensitivity
• Power-On Reset and reset input (NRESET)
• Ultra low current consumption of typ. 1uA
• -40°C to +85°C operating temperature range
• Ultra-Thin 3x3mm QFN-UT-20 and TSSOP-20 packages (SX1501/SX1502)
• Ultra-Thin 4x4mm QFN-UT-28 and TSSOP-28 packages (SX1503)

TYPICAL APPLICATIONS
• Cell phones, PDAs, MP3 players
• Digital camera
• Portable multimedia player
• Notebooks
• GPS Units
• Industrial, ATE
• Any battery powered equipment




Similar Part No. - SX1502EVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1502EVK SEMTECH-SX1502EVK Datasheet
622Kb / 33P
4/8/16 Channel GPIO with NINT and NRESET
SX1502EVK SEMTECH-SX1502EVK Datasheet
1,013Kb / 32P
4/8/16 Channel Low Voltage GPIO
More results


Similar Description - SX1502EVK

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG706 AD-ADG706 Datasheet
154Kb / 11P
CMOS, 2.5ohm Low-Voltage, 8-/16-Channel Multiplexers
REV.0
logo
Maxim Integrated Produc...
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
logo
Semtech Corporation
SX1504 SEMTECH-SX1504 Datasheet
622Kb / 33P
4/8/16 Channel GPIO with NINT and NRESET
SX1501 SEMTECH-SX1501_09 Datasheet
641Kb / 34P
4/8/16 Channel Low Voltage GPIO with NINT and NRESET
logo
Analog Devices
ADG709CRUZ AD-ADG709CRUZ Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
REV. D
ADG706 AD-ADG706_15 Datasheet
246Kb / 12P
Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG707 AD-ADG707_15 Datasheet
246Kb / 12P
Low-Voltage, 8-/16-Channel Multiplexers
REV. A
ADG708 AD-ADG708_15 Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
Rev. E
ADG709 AD-ADG709_15 Datasheet
332Kb / 20P
Low Voltage 4-/8-Channel Multiplexers
Rev. E
logo
Semtech Corporation
SX1502EVK SEMTECH-SX1502EVK Datasheet
1,013Kb / 32P
4/8/16 Channel Low Voltage GPIO
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com