Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX1282 Datasheet (PDF) - Semtech Corporation

SX1282 Datasheet PDF - Semtech Corporation
Part # SX1282
Download  SX1282 Download
File Size   178.69 Kbytes
Page   1 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Transceiver/MCU/ADC System-on-Chip with RISC CPU for Battery-Powered Ultra-Low Power Applications

SX1282 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX1282 Datasheet PDF - Semtech Corporation

Part # SX1282
Download  SX1282 Click to download

File Size   178.69 Kbytes
Page   1 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Transceiver/MCU/ADC System-on-Chip with RISC CPU for Battery-Powered Ultra-Low Power Applications

SX1282 Datasheet (HTML) - Semtech Corporation


SX1282 Product details

Description

The SX1282 transceiver with embedded CoolRISC®MCU, dual 10 and 16-bit ADC and peripherals provides a highly-in tegrated single-chip acquisition processing and RF solution.

With a design which sets state-of-the-art standards in low receiver consumption, dual ISM-band transceiver blocks are combined  with  a  sophisticated  ultra  low-power  8-bit  RISC core plus extensive signal acquisition peripherals to provide a complete system on chip for ISM-band applications.



Features

•  Operating voltage down to 1.0V

•  Supply voltage range from 1.0V to 1.6V

•  Entire circuit can operate on a single AA battery

•  Transceiver Chain

•  Dual-Band operation, 434 MHz and 868 MHz

•  Multi-channel, on-chip PLL,12.5 kHz steps

•  FSK and OOK modulation

•  Data rate up to 80 kbit/s FSK

•  Sensitivity of -102 dBm @ 25 kbit/s, FSK, 10-3 BER

•  Receive current 2.5 mA

•  Autonomy up to four years from a single AA battery in wireless sensing

•  Transmit power +10 dBm differential (35 mA supply current)

•  Integrated RX-TX switch

•  Super heterodyne architecture

• First conversion: IF @ 96 MHz for 868 MHz band

• Second conversion: zero IF

• HW support for symbol synchronization and clock recovery

•  Power Management

•  High-current step-up for external EEPROM supply @ 2.7V

•  Low-current step-up for the supply of the data acquisition chains

•  POR and brown-out detector

•  Sophisticated Power Management

• Unused blocks are powered down

• Standby current down to 4.0uA typical (23μA maximum)

•  Oscillators

Applications

•  Integrated programmable RC oscillator

• Start-up and μC operation

•  12.8 MHz crystal oscillator:

• Transceiver operation

•  Low-power 32 kHz crystal oscillator

• μA level Time-keeping operation

• Analog watchdogs detect crystal oscillator failures   Data Acquisition

•  Pyroelectric acquisition chain

• 80 dB PSRR on the full chain

• 10 μV/LSB

• 16 bits ADC, 8 Hz bandwidth

•  Auxiliary 10 bits ADC

• 10k samples/s

• Multiple signal sources

• Programmable input attenuation

• Integrated thermometer function, 2°C accuracy Embedded Core

•  Ultra Low-power

•  1.3 mA power consumption at 6.4 MIPS

•  CoolRISC technology

•  Energy-efficient RISC architecture

•  Integrated 8x8 multiplier

•  Program loads into and executes from RAM

•  Memory resources

• 1 kbytes boot ROM

• 22 kbytes Instruction RAM

• 1 kbytes data RAM



Applications

•  Alarm and security systems

•  Wireless Sensor Networks

•  Home Automation

•  Wireless computer peripherals

•  Telemetry

•  Sports and Leisure Equipment

•  Industrial Sensing




Similar Part No. - SX1282

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
SX1280 SEMTECH-SX1280 Datasheet
3Mb / 162P
Long Range, Low Power, 2.4GHz Transceiver with Ranging Capability
Rev 3.3
SX1280IMLTRT SEMTECH-SX1280IMLTRT Datasheet
2Mb / 137P
Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
SX1280 SEMTECH-SX1280_V01 Datasheet
3Mb / 162P
Long Range, Low Power, 2.4GHz Transceiver with Ranging Capability
Rev 3.3
SX1281 SEMTECH-SX1281 Datasheet
2Mb / 137P
Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
More results


Similar Description - SX1282

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC768 PHILIPS-P87LPC768 Datasheet
94Kb / 2P
Low Power, Low System Cost 80C51 MCU with ADC and PWM
2000
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Texas Instruments
CC1110 TI-CC1110 Datasheet
1Mb / 203P
True System-on-Chip with Low Power RF Transceiver and 8051 MCU
CC2510FX TI-CC2510FX Datasheet
2Mb / 242P
Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
CC2510FX TI-CC2510FX_10 Datasheet
2Mb / 244P
Low-Power SoC (System-on-Chip) with MCU, Memory, 2.4 GHz RF Transceiver, and USB Controller
logo
Silicon Laboratories
C8051F96X SILABS-C8051F96X Datasheet
53Kb / 2P
Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
logo
Texas Instruments
CC2510 TI-CC2510_15 Datasheet
3Mb / 245P
Low-Power SoC (System-on-Chip) with MCU, Memory,2.4 GHz RF Transceiver, and USB Controller
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
System PMIC for Battery Powered Systems
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
Battery-powered for portable applications
Rev. A
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com