Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U2010B Datasheet (PDF) - ATMEL Corporation

U2010B Datasheet PDF - ATMEL Corporation
Part # U2010B
Download  U2010B Download
File Size   394.66 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Phase-control IC with Current Feedback and Overload Protection

U2010B Datasheet (PDF)

Go To PDF Page Download Datasheet
U2010B Datasheet PDF - ATMEL Corporation

Part # U2010B
Download  U2010B Click to download

File Size   394.66 Kbytes
Page   18 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Phase-control IC with Current Feedback and Overload Protection

U2010B Datasheet (HTML) - ATMEL Corporation


U2010B Product details

Description

The U2010B is designed as a phase-control circuit in bipolar technology for motor control applications with load-current feedback and overload protection. It enables load-current detection and has a soft-start function as well as reference voltage output.



Features

• Full-wave Current Sensing

• Mains Supply Variation Compensated

• Programmable Load-current Limitation with Over- and High-load Output

• Variable Soft Start

• Voltage and Current Synchronization

• Automatic Retriggering Switchable

• Triggering Pulse Typically 125 mA

• Internal Supply-voltage Monitoring

• Current Requirement ≤ 3 mA

• Temperature-compensated Reference Voltage



Applications

• Advanced Motor Control

• Grinder

• Drilling Machine



 




Similar Part No. - U2010B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
logo
List of Unclassifed Man...
U2010B ETC1-U2010B Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U2010B ATMEL-U2010B Datasheet
1Mb / 18P
Programmable Load-current Limitation with Over- and High-load Output
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
Phase Control Circuit for Current Feedback
logo
ATMEL Corporation
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
Phase-control IC with Current Feedback and Overload Protection
More results


Similar Description - U2010B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2146B NJRC-NJM2146B Datasheet
164Kb / 6P
VOLTAGE AND CURRENT CONTROL IC
logo
TEMIC Semiconductors
U2008B TEMIC-U2008B Datasheet
122Kb / 10P
Low Cost Current Feedback Phase Control Circuit
U2010B TEMIC-U2010B Datasheet
202Kb / 12P
Phase Control Circuit for Current Feedback
U210B TEMIC-U210B Datasheet
378Kb / 15P
Phase Control Circuit - Load Current Feedback Applications
logo
List of Unclassifed Man...
TDA2088 ETC1-TDA2088 Datasheet
276Kb / 3P
PHASE CONTROL INTEGRATED CURCUIT FOR CURRENT FEEDBACK APPLICATION
logo
Integral Corp.
IL2010B INTEGRAL-IL2010B Datasheet
274Kb / 7P
PHASE CONTROL CIRCUIT FOR CURRENT FEEDBACK
logo
TEMIC Semiconductors
U210B1 TEMIC-U210B1 Datasheet
166Kb / 12P
Phase Control Circuit Load Current Feedback Applications
logo
ATMEL Corporation
U211B ATMEL-U211B Datasheet
605Kb / 30P
Phase Control IC with Overload Limitation for Tacho Applications
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
Phase-control IC with Current Feedback and Overload Protection
logo
ARTSCHIP ELECTRONICS CO...
U2010B ARTSCHIP-U2010B Datasheet
3Mb / 11P
Phase Control Circuit for Current Feedback
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com