Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U211B Datasheet (PDF) - ATMEL Corporation

U211B Datasheet PDF - ATMEL Corporation
Part # U211B
Download  U211B Download
File Size   605.44 Kbytes
Page   30 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Phase Control IC with Overload Limitation for Tacho Applications

U211B Datasheet (PDF)

Go To PDF Page Download Datasheet
U211B Datasheet PDF - ATMEL Corporation

Part # U211B
Download  U211B Click to download

File Size   605.44 Kbytes
Page   30 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Phase Control IC with Overload Limitation for Tacho Applications

U211B Datasheet (HTML) - ATMEL Corporation


U211B Product details

Description

The integrated circuit U211B is designed as a phase-control circuit in bipolar technology with an internal frequency-to-voltage converter. The device includes an internal control amplifier which means it can be used for speed-regulated motor applications.

Amongst others, the device features integrated load limitation, tacho monitoring and soft-start functions, to realize sophisticated motor control systems.



Features

• Internal Frequency-to-voltage Converter

• Externally Controlled Integrated Amplifier

• Overload Limitation with “Fold Back” Characteristic

• Optimized Soft-start Function

• Tacho Monitoring for Shorted and Open Loop

• Automatic Retriggering Switchable

• Triggering Pulse Typically 155 mA

• Voltage and Current Synchronization

• Internal Supply-voltage Monitoring

• Temperature Reference Source

• Current Requirement ≤ 3 mA




Similar Part No. - U211B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U211B TEMIC-U211B Datasheet
322Kb / 20P
Phase Control Circuit - General Purpose Feedback
logo
List of Unclassifed Man...
U211B ETC1-U211B Datasheet
188Kb / 1P
TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
TEMIC Semiconductors
U211B2 TEMIC-U211B2 Datasheet
322Kb / 20P
Phase Control Circuit - General Purpose Feedback
U211B3 TEMIC-U211B3 Datasheet
322Kb / 20P
Phase Control Circuit - General Purpose Feedback
More results


Similar Description - U211B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U209B3 TEMIC-U209B3 Datasheet
206Kb / 14P
Phase Control Circuit - Tacho Applications
UAA145 TEMIC-UAA145 Datasheet
168Kb / 11P
Phase Control Circuit for Industrial Applications
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785 Datasheet
454Kb / 16P
Phase Control IC
logo
Infineon Technologies A...
TCA785 INFINEON-TCA785 Datasheet
454Kb / 16P
Phase Control IC
09.94
logo
ATMEL Corporation
U209B ATMEL-U209B_07 Datasheet
449Kb / 19P
Phase Control IC for Tacho Applications
U2010B ATMEL-U2010B Datasheet
394Kb / 18P
Phase-control IC with Current Feedback and Overload Protection
logo
Siemens Semiconductor G...
TCA785 SIEMENS-TCA785_05 Datasheet
466Kb / 16P
Phase Control IC
logo
ATMEL Corporation
U2010B-MFP ATMEL-U2010B-MFP Datasheet
331Kb / 18P
Phase-control IC with Current Feedback and Overload Protection
logo
STMicroelectronics
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
Gas gauge IC with battery charger control for handheld applications
19-Jan-2015
logo
RS Components Ltd.
TDA2086A RS-TDA2086A Datasheet
308Kb / 14P
Phase control IC TDA2086A
1997
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com